Electronic Components Datasheet Search
  English  ▼

X  

BCM8512 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # BCM8512
Description  DWDM TRANSPORT PROCESSOR WITH INTEGRATED 10G TRANSCEIVER, G.709 FEC, SONET/SDH, AND 10GE PERFORMANCE MONITOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM8512 Datasheet(HTML) 2 Page - Broadcom Corporation.

  BCM8512 Datasheet HTML 1Page - Broadcom Corporation. BCM8512 Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BC M8 51 2 O V E R V I E W
®
Phone: 949-450-8700
Fax: 949-450-8710
E-mail: info@broadcom.com
Web: www.broadcom.com
BROADCOM CORPORATION
16215 Alton Parkway, P.O. Box 57013
Irvine, California 92619-7013
© 2004 by BROADCOM CORPORATION. All rights reserved.
8512-PB05-R
8/13/04
Broadcom®, the pulse logo, and Connecting everything® are trademarks of Broadcom Corporation and/
or its subsidiaries in the United States and certain other countries. All other trademarks mentioned are the
property of their respective owners.
The BCM8512 is an 10 Gigabit DWDM transport processor that
supports all the major functions on a DWDM line card:
• G.709 digital wrapper (final draft)
• G.975 Reed-Solomon RS(255,239) FEC
• SONET/SDH Performance Monitor
• 10 Gigabit Ethernet performance monitor
• Integrated OC-192 transceiver
The BCM8512 can operate in bidirectional mode and perform SONET/
SDH or Ethernet performance monitoring in both the receive and
transmit paths. All necessary performance monitor functions for
SONET/SDH and 10 Gigabit Ethernet are provided for operations,
administration, maintenance, and provisioning (OAM&P) so that no
external performance monitor is required.
The G.709 digital wrapper allows a multitude of signals to be carried
over the optical transport network. These signals include legacy
SONET/SDH and PDH signals, along with packet-based data such as IP,
ATM, GbE and SDL.
The BCM8512 is the first digital wrapper, FEC and performance monitor
chip with an integrated 10 Gigabit transceiver in the industry. The
transceiver is programmable to support OC-192 SONET/SDH, LAN
PHY and WAN PHY rates with and without FEC. The transceiver
performs the clock and data recovery (CDR) and demultiplexing
functions on the serial input data and the clock multiplication (CMU) and
multiplexing (MUX) functions to produce the serial output data.
Related Documents
• BCM8512 Data Sheet
• BCM8512 EVM User Manual
• BCM8512 EVM Quick Start Guide
• BCM8511B to BCM8512 Migration Application Note
• Interfacing BCM8512 to Discrete MUX/DEMUX Application Note
FIFO 1
CMU +
MUX
External
VCXO
RX
Wrapper
FEC
Decoder
LA + CDR
DEMUX
SONET/SDH
PM 2
10GE
PM 2
FEC
Encoder
FIFO 2
TX
Wrapper
SONET/SDH
PM 1
10GE
PM 1
Phase
Detector 1
Charge
Pump 1
CMUREFP/N
PDOUT
TXCLKINP/N
RDINP/N
9.953 Gbps
RXDATAP/N[15:0]
622.08/666.51/
669.33/693.13 MHz
TXDATAP/N[15:0]
622.08/666.51/
669.33/693.13 MHz
TSDP/N
TSCKP/N
9.953 Gbps
RXCLKP/N
External
VCXO
Phase
Detector 2
Charge
Pump 2
CLU2OUTP/N
CLU2FBP/N
PD2OUT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com