Electronic Components Datasheet Search
  English  ▼

X  

EX355P Datasheet(PDF) 2 Page - Thurlby Thandar Instruments Ltd.

Part # EX355P
Description  AIM & THURLBY THANDAR INSTRUMENTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIM-TTI [Thurlby Thandar Instruments Ltd.]
Direct Link  https://www.aimtti.com/
Logo AIM-TTI - Thurlby Thandar Instruments Ltd.

EX355P Datasheet(HTML) 2 Page - Thurlby Thandar Instruments Ltd.

  EX355P Datasheet HTML 1Page - Thurlby Thandar Instruments Ltd. EX355P Datasheet HTML 2Page - Thurlby Thandar Instruments Ltd. EX355P Datasheet HTML 3Page - Thurlby Thandar Instruments Ltd. EX355P Datasheet HTML 4Page - Thurlby Thandar Instruments Ltd. EX355P Datasheet HTML 5Page - Thurlby Thandar Instruments Ltd. EX355P Datasheet HTML 6Page - Thurlby Thandar Instruments Ltd. EX355P Datasheet HTML 7Page - Thurlby Thandar Instruments Ltd. EX355P Datasheet HTML 8Page - Thurlby Thandar Instruments Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
EL-R Series
Simplicity with Precision
EL-R Series - linear regulated precision laboratory power supplies
EL-R Series - Model Range
Model
O/Ps
Voltage
Current Power
Aux. O/P
EL301R
One 0 to 30V 0 to 1A
30W
EL183R
One 0 to 18V 0 to 3.3A
60W
EL302R
One 0 to 30V 0 to 2A
60W
EL561R
One 0 to 56V 0 to 1.1A
60W
EL155R
One 0 to 15V 0 to 5A
75W
EL303R
One 0 to 30V 0 to 3A
90W
EL302RD
Two 0 to 30V 0 to 2A
120W
EL302RT
Three 0 to 30V 0 to 2A
130W 1.5 -5V @2A
Related Models
EL302P
30V/2A model with RS-232 interface
The new EL-R series has been developed from the top selling EL series.
By adding four digit meters and switchable remote sensing, the EL-R
series offers much higher precision whilst retaining the simplicity of
operation which many bench-top power supply users prefer.
Eight models are offered including single, dual and triple outputs and
covering a power range of 30 watts up to 130 watts.
Linear regulation
All EL-R series models* use true linear regulation for the best possible
performance. Excellent line and load regulation is matched by very
low output noise and good transient response.
Four digit meters
The EL-R series incorporates separate voltage and current meters on
each main output with a resolution of 10mV and 1mA. The fixed
resolution avoids the misinterpretation of readings that can occur with
auto-ranging 3 or 3½ digit meters where the decimal point position
moves as the reading changes.
Remote Sensing
Each main output incorporates remote sense terminals that can be
enabled or disabled at the flick of a switch.
Remote sensing is essential for maintaining precise regulation at
the load and true metering of the load voltage. Many other power
supplies omit remote sense, and quote regulation figures that could
never be achieved in practice.
N.B. A 2 metre length of a 24/0.2 wire pair has a resistance of around 0.1 W.
For a 5V load drawing 3A the metering error without remote sense would
be 0.3V and the effective full current load regulation would be around 6%,
against a quoted figure of perhaps 0.01% for the power supply itself.
DC output switches
Each main output has a DC on-off switch. This enables voltage and
current settings to be viewed before the load is connected and allows
multiple outputs to be controlled individually. Surprisingly, many
power supplies omit this essential feature.
Constant voltage or constant current
Each main output can operate in constant voltage or constant current
mode with automatic crossover and mode indication. Coarse and
fine voltage controls are provided. The current control is logarithmic
enabling low current levels to be set accurately.
Silent cooling
All EL-R series models use convection cooling and are entirely free of
fan noise.
Safety binding-post terminals
EL-R series power supplies are fitted with the new TTi designed
output terminals. These can accept a 4mm safety plug with rigid
insulating sleeve, a requirement specified by an increasing number of
laboratories for safety reasons.
However, unlike the 4mm safety sockets used on some other products,
the new TTi terminals can also accept fork connectors or bare wires,
giving maximum connection flexibility.
Simplicity in use
EL-R series power supplies use classic analog controls for
voltage and current.
The large and bright displays have a fixed resolution to avoid
confusion.
Preset voltage and current levels are shown when the DC
output switch is turned off.
Remote sense is available when needed but is disabled by
setting the switch to Local.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com