Electronic Components Datasheet Search
  English  ▼

X  

CBT3244DB Datasheet(PDF) 4 Page - NXP Semiconductors

Part # CBT3244DB
Description  Octal bus switch with Quad Output Enables
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CBT3244DB Datasheet(HTML) 4 Page - NXP Semiconductors

  CBT3244DB Datasheet HTML 1Page - NXP Semiconductors CBT3244DB Datasheet HTML 2Page - NXP Semiconductors CBT3244DB Datasheet HTML 3Page - NXP Semiconductors CBT3244DB Datasheet HTML 4Page - NXP Semiconductors CBT3244DB Datasheet HTML 5Page - NXP Semiconductors CBT3244DB Datasheet HTML 6Page - NXP Semiconductors CBT3244DB Datasheet HTML 7Page - NXP Semiconductors CBT3244DB Datasheet HTML 8Page - NXP Semiconductors CBT3244DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Philips Semiconductors
Preliminary specification
CBT3244
Octal bus switch with Quad Output Enables
1998 Dec 08
4
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
Min
Max
UNIT
VCC
DC supply voltage
4.5
5.5
V
VIH
High-level input voltage
2.0
V
VIL
Low-level Input voltage
0.8
V
Tamb
Operating free-air temperature range
–40
+85
°C
DC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = –40°C to +85°C
UNIT
Min
Typ1
Max
VIK
Input clamp voltage
VCC = 4.5V; II = –18mA
–1.2
V
II
Input leakage current
VCC = 5.5V; VI = GND or 5.5V
±5
µA
ICC
Quiescent supply current2
VCC = 5.5V; IO = 0, VI = VCC or GND
50
µA
∆ICC
Additional supply current per
input pin2
VCC = 5.5V, one input at 3.4V, other inputs at
VCC or GND
3.5
mA
CI
Control pins
VI= 3V or 0, OE = VCC
3
pF
CIO(OFF)
Power-off leakage current
VO = 3V or 0
6
pF
3
VCC = 4.5V; V1 = 0V; II = 64mA
5
7
ron3
On-resistance
VCC = 4.5V; V1 = 0V; II = 30mA
5
7
Ω
VCC = 4.5V; V1 = 0V; II = 15mA
10
15
NOTES:
1. All typical values are at VCC = 5V, TA = 25 C
2. This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND
3. Measured by the voltage drop between the A and the B terminals at the indicated current through the switch.
On-state resistance is determined by the lowest voltage of the two (A or B) terminals.
AC CHARACTERISTICS
GND = 0V; tR; CL = 50pF
74CBT3244
SYMBOL
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
Tamb = –40°C to +85
VCC = +5.0V ±0.5V
UNIT
Min
Max
tpd
Propagation delay1
A or B
B or A
.25
ns
ten
Output enable time
to High and Low level
OE
A or B
1.0
8.9
ns
tdis
Output disable time
from High and Low level
OE
A or B
1.0
7.4
ns
NOTES:
1. This parameter is warranted but not production tested. The propagation delay is based on the RC time constant of the typical on-state
resistance of the switch and a load capacitance of 50 pF, when driven by an ideal voltage source (zero output impedance).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com