Electronic Components Datasheet Search
  English  ▼

X  

T4 Datasheet(PDF) 7 Page - STMicroelectronics

Part # T4
Description  4 A Triacs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T4 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button T4_V01 Datasheet HTML 3Page - STMicroelectronics T4_V01 Datasheet HTML 4Page - STMicroelectronics T4_V01 Datasheet HTML 5Page - STMicroelectronics T4_V01 Datasheet HTML 6Page - STMicroelectronics T4_V01 Datasheet HTML 7Page - STMicroelectronics T4_V01 Datasheet HTML 8Page - STMicroelectronics T4_V01 Datasheet HTML 9Page - STMicroelectronics T4_V01 Datasheet HTML 10Page - STMicroelectronics T4_V01 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
DocID7699 Rev 9
7/15
T4 series
Package information
Figure 13. Footprint (dimensions in mm)
Table 7. DPAK package mechanical data
Ref.
Dimensions
Millimeters
Inches(1)
1.
Inch dimensions are only for reference
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2.18
2.40
0.086
0.0944
A1
0.9
1.10
0.035
0.0433
A2
0.03
0.23
0.0011
0.0090
b
0.64
0.90
0.0251
0.0354
b4
4.95
5.46
0.1948
0.2149
c
0.46
0.61
0.0181
0.0240
c2
0.46
0.60
0.0181
0.0236
D
5.97
6.22
0.2350
0.2448
D1
4.95
0.1948
E
6.35
6.73
0.2500
0.2649
E1
4.32
0.1700
e
2.286
0.09
e1
4.572
0.18
H
9.35
10.40
0.3681
0.4094
L
1.0
1.78
0.039
0.0700
L2
1.27
0.0500
L4
0.6
1.02
0.023
0.0401
V2
-8°
+8°
-8°
+8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com