Electronic Components Datasheet Search
  English  ▼

X  

T405-600B Datasheet(PDF) 2 Page - STMicroelectronics

Part # T405-600B
Description  4 A Triacs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T405-600B Datasheet(HTML) 2 Page - STMicroelectronics

  T405-600B Datasheet HTML 1Page - STMicroelectronics T405-600B Datasheet HTML 2Page - STMicroelectronics T405-600B Datasheet HTML 3Page - STMicroelectronics T405-600B Datasheet HTML 4Page - STMicroelectronics T405-600B Datasheet HTML 5Page - STMicroelectronics T405-600B Datasheet HTML 6Page - STMicroelectronics T405-600B Datasheet HTML 7Page - STMicroelectronics T405-600B Datasheet HTML 8Page - STMicroelectronics T405-600B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Characteristics
T4 series
2/15
DocID7699 Rev 9
1
Characteristics
Table 3. Absolute maximum ratings (Tj = 25 °C unless otherwise stated)
Symbol
Parameter
Value
Unit
IT(rms)
On-state rms current
(full sine wave)
IPAK, DPAK,
TO-220AB
Tc = 110 °C
4
A
ITSM
Non repetitive surge peak on-state
current (full cycle, Tj initial = 25 °C)
F = 50 Hz
t = 20 ms
30
A
F = 60 Hz
t = 16.7 ms
31
I²tI²t value for fusing
tp = 10 ms
5.1
A²s
dI/dt
Critical rate of rise of on-state
current IG = 2 x IGT, tr ≤ 100 ns
F = 120 Hz
Tj = 125 °C
50
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 125 °C
4
A
PG(AV)
Average gate power dissipation
Tj = 125 °C
1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to +150
- 40 to +125
°C
Table 4. Electrical characteristics (Tj = 25 °C, unless otherwise stated)
Symbol
Test conditions
Quadrant
Value
Unit
T405 T410 T435
IGT
(1)
1.
Minimum IGT is guaranteed at 5% of IGT max.
VD = 12 V, RL = 30 Ω
I - II - III
Max.
5
10
35
mA
VGT
VD = 12 V, RL = 30 Ω
I - II - III
Max.
1.3
V
VGD
VD = VDRM, RL = 3.3 k Ω , Tj = 125 °C
I - II - III
Min.
0.2
V
IH
(2)
2.
For both polarities of A2 referenced to A1
IT = 100 mA
Max.
10
15
35
mA
IL
IG = 1.2 IGT
I - III
Max.
102550
mA
II
Max.
15
30
60
dV/dt (2)
VD = 67% VDRM, gate open
Tj = 125 °C
Min.
20
40
400
V/µs
(dI/dt)c (2)
(dV/dt)c = 0.1 V/µs
Tj = 125 °C
Min.
1.8
2.7
A/ms
(dV/dt)c = 10 V/µs
0.9
2.0
(without snubber)
2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com