Electronic Components Datasheet Search
  English  ▼

X  

BCM56513 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # BCM56513
Description  24-PORT GbE MULTILAYER SWITCH WITH THREE 10 GbE/HiGig PORTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM56513 Datasheet(HTML) 2 Page - Broadcom Corporation.

  BCM56513 Datasheet HTML 1Page - Broadcom Corporation. BCM56513 Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
O V ERVI EW
®
Phone: 949-450-8700
Fax: 949-450-8710
E-mail: info@broadcom.com
Web: www.broadcom.com
BROADCOM CORPORATION
16215 Alton Parkway, P.O. Box 57013
Irvine, California 92619-7013
© 2006 by BROADCOM CORPORATION. All rights reserved.
56513-PB00-R
06/14/06
Broadcom®, the pulse logo, Connecting everything®, StrataSwitch®, StrataXGS®, ContentAwareTM,
BroadScaleTM, HiGig+ TM, and BroadSAFETM are trademarks of Broadcom Corporation and/or its
affiliates in the United States, certain other countries and/or the EU. Any other trademarks or trade names
mentioned are the property of their respective owners.
The BCM56513 is the fifth generation of the highly-integrated and cost-
effective StrataSwitch and StrataXGS product line. The BCM56513 is a
single-chip solution with 24-GbE ports and three 10-GbE/HiGig+ uplink
ports.
The BCM56513 incorporates 24-GbE ports that can operate at 10/100/
1000 Mbps. The uplink ports can operate in two modes: 10-GbE
switching mode and HiGig+ uplink mode. The integrated 10-GbE
switching ports are CX-4 compliant XAUI™ interfaces. The HiGig+
uplink interface is used to connect to other StrataXGS devices in a larger
stacking system or to the BCM56700/BCM5675 switch fabric via a
backplane in a multi-slot redundant chassis system.
With high-integration and high-port density, the BCM56513 family is
ideal for Enterprise applications in standalone, stackable, and chassis
configurations applicable in the edge, aggregation, and core areas of the
Enterprise. The BCM56513 is also ideal for embedded switch
applications like Blade Server Switch, ATCA chassis, IPDSLAM, 3G
Wireless Base Station, and others.
The BCM56513 integrates sophisticated advanced L3 switching features
for cost-effective highly manageable enterprise networks. The
BCM56513 performs IPv6 routing and transition services in hardware,
allowing IT managers to deploy L3 switches that are future-proof, highly
manageable L3 networks to enable cost-effective transition from IPv4 to
IPv6.
The ContentAware classification feature of the StrataSwitch and
StrataXGS has been further enhanced in the BCM56513 with unmatched
flexibility and programmability. The ContentAware engine can be used
for applications such as policy-based routing, access control list, and
dynamic adaptation to changes in virus threats. The BCM56513 has
dedicated ContentAware classification processors to provide both
classification and filtering.
The BCM56513 has built-in security functions for highly-secure
Enterprise networks including BroadShieldTM. Utilizing hardware-based
identity management and authentication coupled with key management
software that directs and manages clients, BroadShield Security provides
exceptionally strong network security without impacting network
performance.
The BCM56513 integrates sophisticated metering, statistics, and traffic
management features, optimizing the QoS in the Enterprise networks for
voice, video, and data convergence. The BCM56514 also provides rate-
adjustable, hardware-based sFlow implementation and flexible multiple-
session remote port-mirroring functionality for efficient network
management.
The BCM56513 switch supports an I2C controller for communicating
with external devices such as serial EEPROM, flash PROM memories,
and parallel port devices. The BCM56513 also supports a serial interface
for the MII management of physical layer devices.
The BCM56513 switch interfaces to a host CPU via a 32-bit PCI bus
running at up to 66 MHz. Bus mastering and advanced DMA is
supported for efficient exchange of packet data between CPU memory
and the BCM56513 switch.
BCM5464R
BCM5464R
BCM5464R
BCM5464R
BCM5464R
BCM5464R
BCM5464R
BCM5464R
BCM5464R
BCM5464R
BCM5464R
BCM5464R
BCM5836P
BCM56513
BCM56513
BCM5464R
BCM5464R
BCM5464R
BCM5464R
BCM5464R
BCM5464R
BCM5464R
BCM5464R
BCM5464R
BCM5464R
BCM5464R
BCM5464R
BCM5836P
BCM56513
BCM56513
48 10/100/1000 + Two 10 GbE Standalone
48 10/100/1000 + Two HiGig+ Stackable



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com