Electronic Components Datasheet Search
  English  ▼

X  

CBT3384D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # CBT3384D
Description  10-bit bus switch with 5-bit output enables and Schottky undershoot protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CBT3384D Datasheet(HTML) 2 Page - NXP Semiconductors

  CBT3384D Datasheet HTML 1Page - NXP Semiconductors CBT3384D Datasheet HTML 2Page - NXP Semiconductors CBT3384D Datasheet HTML 3Page - NXP Semiconductors CBT3384D Datasheet HTML 4Page - NXP Semiconductors CBT3384D Datasheet HTML 5Page - NXP Semiconductors CBT3384D Datasheet HTML 6Page - NXP Semiconductors CBT3384D Datasheet HTML 7Page - NXP Semiconductors CBT3384D Datasheet HTML 8Page - NXP Semiconductors CBT3384D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product data
CBT3384
10-bit bus switch with 5-bit output enables
2
2001 Dec 20
853-2187 27501
FEATURES
• 5 Ω switch connection between two ports
• TTL compatible control input and output levels
• See CBTS3384 for CBT3384 with Schottky diode undershoot
protection
• See CBTD3384 for CBT3384 with level shifting diodes
• Latch-up is done to JESDEC Standard JESD78 which exceeds
100 mA
• ESD classification testing is done to JESDEC Standard JESD22.
Protection exceeds 2000 V to HBM per method A114 and
1000 V CDM per method C101.
DESCRIPTION
The CBT3384 provides ten bits of high-speed TTL-compatible bus
switching. The low on-state resistance of the switch allows
connections to be made with minimal propagation delay.
The CBT3384 device is organized as two 5-bit bus switches with
separate output-enable (OE) inputs. When OE is LOW, the switch is
on and port A is connected to B. When OE is HIGH, the switch is
open and high-impedance state exists between the two ports.
The CBT3384 is characterized for operation from –40 to +85
°C.
PIN CONFIGURATION
SA00502
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
1B1
1A1
1A2
1B2
1B3
1A3
1A4
1B4
1B5
1A5
GND
1OE
Vcc
2B5
2A5
2A4
2B4
2B3
2A3
2A2
2B2
2B1
2A1
2OE
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
1, 13
1OE, 2OE
Output enables
3, 4, 7, 8, 11
1A1–1A5
Inputs
14, 17, 18, 21, 22
2A1–2A5
Inputs
2, 5, 6, 9, 10
1B1–1B5
Outputs
15, 16, 19, 20, 23
2B1–2B5
Outputs
12
GND
Ground (0 V)
24
VCC
Positive supply voltage
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25 °C; GND = 0 V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
An to Yn
CL = 50 pF; VCC = 5 V
250
ps
CIN
Input capacitance
VI = 0 V or VCC
4
pF
COUT
Output capacitance
Outputs disabled; VO = 0 V or VCC
10
pF
ICCZ
Total supply current
Outputs disabled; VCC = 5.5 V
3
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
DWG NUMBER
24-Pin Plastic SO
–40 to +85
°C
CBT3384D
SOT137-1
24-Pin Plastic SSOP
–40 to +85
°C
CBT3384DB
SOT340-1
24-Pin Plastic SSOP (QSOP)
–40 to +85
°C
CBT3384DK
SOT556-1
24-Pin Plastic TSSOP
–40 to +85
°C
CBT3384PW
SOT355-1
Standard packing quantities and other packaging data is available at www.philipslogic.com/packaging.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com