Electronic Components Datasheet Search
  English  ▼

X  

AFE7769D Datasheet(PDF) 2 Page - Texas Instruments

Part # AFE7769D
Description  AFE77xxD Quad/Dual-Channel RF Transceiver With Dual Feedback Paths Integrating CFR/DPD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7769D Datasheet(HTML) 2 Page - Texas Instruments

  AFE7769D Datasheet HTML 1Page - Texas Instruments AFE7769D Datasheet HTML 2Page - Texas Instruments AFE7769D Datasheet HTML 3Page - Texas Instruments AFE7769D Datasheet HTML 4Page - Texas Instruments AFE7769D Datasheet HTML 5Page - Texas Instruments AFE7769D Datasheet HTML 6Page - Texas Instruments AFE7769D Datasheet HTML 7Page - Texas Instruments AFE7769D Datasheet HTML 8Page - Texas Instruments AFE7769D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Each receiver chain of the AFE77xxD includes a 28-dB range digital step attenuator (DSA), followed by
a wideband passive IQ demodulator, and a baseband amplifier with integrated antialiasing low pass filters
with programmable bandwidth, driving continuous-time sigma-delta ADCs. The RX chain can receive an
instantaneous bandwidth (IBW) up to 200 MHz (AFE77x8D) / 300 MHz (AFE7769D). Each receiver channel
has two analog peak power detectors and various digital power detectors to assist an external or internal
autonomous AGC control for receiver channels, and a RF overload detector for device reliability protection. The
integrated QMC (quadrature mismatch compensation) algorithm is capable to continuously monitor and correct
for the RX chain I and Q imbalance mismatch without the need to inject any specific signals or perform offline
calibration.
Each transmitter chain includes two 14-bit, 3.3-Gsps IQ DACs, followed by a programmable reconstruction and
DAC image rejection filter, an IQ modulator driving a wideband RF amplifier with 39-dB range gain control. The
TX chain integrated QMC and LO leakage cancellation algorithms, leveraging the FB path can constantly track
and correct for the TX chain IQ mismatch and LO leakage.
Each FB path is based on RF sampling architecture, and includes an input RF DSA driving a 14-bit, 3.3-Gsps
RF ADC. The direct sampling architecture provides an inherently wideband receiver chain and simplifies the
calibration of the TX chains impairments. The FB path integrates two independent NCOs, which allow for a fast
switching between two observed RF input bands.
The synthesizer section integrates four fractional-N RF PLLs that can generate four different RF LOs, allowing
the device to support up to two different bands, each one configured as two transmitters, two receivers, and
one feedback path (with AFE7768D/AFE7769D), or one transmitter, one receiver, and one feedback path (with
AFE7728D) .
AFE7768D/AFE7769D Block Diagram
AFE7769D, AFE7728D, AFE7768D
SBASAG3A – JULY 2023 – REVISED OCTOBER 2023
www.ti.com
2
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE7769D AFE7728D AFE7768D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com