Electronic Components Datasheet Search
  English  ▼

X  

ISOTMP35 Datasheet(PDF) 12 Page - Texas Instruments

Part # ISOTMP35
Description  ISOTMP35 ±1.2°C, 3-kVRMS Isolated Temperature Sensor with Analog Output with < 2 Seconds Response Time and 500 VRMS Working Voltage
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISOTMP35 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ISOTMP35 Datasheet HTML 8Page - Texas Instruments ISOTMP35 Datasheet HTML 9Page - Texas Instruments ISOTMP35 Datasheet HTML 10Page - Texas Instruments ISOTMP35 Datasheet HTML 11Page - Texas Instruments ISOTMP35 Datasheet HTML 12Page - Texas Instruments ISOTMP35 Datasheet HTML 13Page - Texas Instruments ISOTMP35 Datasheet HTML 14Page - Texas Instruments ISOTMP35 Datasheet HTML 15Page - Texas Instruments ISOTMP35 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
7.3.2 Analog Output
The analog output of the ISOTMP35 has several characteristics, such as the output accuracy, linearity and drive
capability, that must be understood to design the interface to the rest of the signal chain.
7.3.2.1 Output Accuracy
As illustrated in Figure 6-1, the ISOTMP35 device is linear with a 500 mV offset at 0°C. However for temperature
greater than 100°C, a gain shift occurs. See Output Voltage Linearity for an approximation if using a lookup table
to convert the voltage to temperature.
7.3.2.2 Output Voltage Linearity
As illustrated in Figure 6-2, the ISOTMP35 device exhibit a linear output of 10 mV/°C. Use Equation 1 to
calculate the output voltage.
VOUT = (TA - TINFL) ✕ TC + VOFFS
(1)
where
• VOUT is the ISOTMP35 voltage output for a given temperature
• TA is the ambient temperature in°C
• TINFL is the temperature inflection point for a piecewise segment in°C
• TC is the ISOTMP35 temperature coefficient or gain
• VOFFS is the ISOTMP35 voltage offset
7.3.2.3 Drive Capability
A class-AB output driver provides a maximum output of 500 µA to drive capacitive loads up to 1000 pF. To
design the time and frequency domains signal-chain implementation, use the driver output impedance graph
provided in Figure 6-11.
7.3.3 Thermal Response
The SOIC-7 package is designed to maximize the heat flow, and minimize the thermal response time, from the
TSENSE pins to the temperature sensor while also providing the 3 kVRMS isolation rating (UL1577).
7.4 Device Functional Modes
The singular functional mode of the ISOTMP35 is an analog output directly proportional to temperature.
ISOTMP35
SNIS232 – OCTOBER 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ISOTMP35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com