Electronic Components Datasheet Search
  English  ▼

X  

LMK6P Datasheet(PDF) 17 Page - Texas Instruments

Part # LMK6P
Description  LMK6x Low Jitter, High-Performance BAW Oscillator
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK6P Datasheet(HTML) 17 Page - Texas Instruments

Back Button LMK6P Datasheet HTML 13Page - Texas Instruments LMK6P Datasheet HTML 14Page - Texas Instruments LMK6P Datasheet HTML 15Page - Texas Instruments LMK6P Datasheet HTML 16Page - Texas Instruments LMK6P Datasheet HTML 17Page - Texas Instruments LMK6P Datasheet HTML 18Page - Texas Instruments LMK6P Datasheet HTML 19Page - Texas Instruments LMK6P Datasheet HTML 20Page - Texas Instruments LMK6P Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 71 page
background image
7.9 Typical Characteristics (continued)
Frequency (MHz)
100 125 150 175 200 225 250 275 300 325 350 375 400
50
60
70
80
90
100
VDD = 2.5 V
OUTPUT FORMAT = LVDS
-40 oC
25 oC
85 oC
Figure 7-13. Current Consumption vs Frequency
(LVDS, 2.5 V)
Frequency (MHz)
100 125 150 175 200 225 250 275 300 325 350 375 400
50
60
70
80
90
100
VDD = 3.3 V
OUTPUT FORMAT = LVDS
-40 oC
25 oC
85 oC
Figure 7-14. Current Consumption vs Frequency
(LVDS, 3.3 V)
Frequency (MHz)
100
105
110
115
120
125
130
135
140
145
150
155
160
165
170
175
180
185
190
195
200
90
95
100
105
110
115
120
125
130
135
140
145
150
155
160
Figure 7-15. RMS Jitter vs Frequency (100 MHz to 200 MHz) for
LVPECL, HCSL; TYPICAL 3.3 V, 25°C
Frequency (MHz)
100
105
110
115
120
125
130
135
140
145
150
155
160
165
170
175
180
185
190
195
200
90
95
100
105
110
115
120
125
130
135
140
145
150
155
160
Figure 7-16. RMS Jitter vs Frequency (100 MHz to 200 MHz) for
LVDS; TYPICAL 3.3 V, 25°C
Figure 7-17. RMS Jitter vs Frequency (200 MHz to 300 MHz) for
LVPECL, HCSL; TYPICAL 3.3 V, 25°C
Frequency (MHz)
200
205
210
215
220
225
230
235
240
245
250
255
260
265
270
275
280
285
290
295
300
80
85
90
95
100
105
110
115
120
125
130
135
140
145
150
155
160
165
170
Figure 7-18. RMS Jitter vs Frequency (200 MHz to 300 MHz) for
LVDS; TYPICAL 3.3 V, 25°C
Frequency (MHz)
300
305
310
315
320
325
330
335
340
345
350
355
360
365
370
375
380
385
390
395
400
80
85
90
95
100
105
110
115
120
125
130
135
140
145
150
155
160
Figure 7-19. RMS Jitter vs Frequency (300 MHz to 400 MHz) for
LVPECL, HCSL; TYPICAL 3.3 V, 25°C
Frequency (MHz)
300
305
310
315
320
325
330
335
340
345
350
355
360
365
370
375
380
385
390
395
400
80
85
90
95
100
105
110
115
120
125
130
135
140
145
150
155
160
Figure 7-20. RMS Jitter vs Frequency (300 MHz to 400 MHz) for
LVDS; TYPICAL 3.3 V, 25°C
www.ti.com
LMK6C, LMK6D, LMK6H, LMK6P
SNAS826D – APRIL 2022 – REVISED FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: LMK6C LMK6D LMK6H LMK6P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com