Electronic Components Datasheet Search
  English  ▼

X  

INA296A Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # INA296A
Description  INA296x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA296A Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA296A Datasheet HTML 12Page - Texas Instruments INA296A Datasheet HTML 13Page - Texas Instruments INA296A Datasheet HTML 14Page - Texas Instruments INA296A Datasheet HTML 15Page - Texas Instruments INA296A Datasheet HTML 16Page - Texas Instruments INA296A Datasheet HTML 17Page - Texas Instruments INA296A Datasheet HTML 18Page - Texas Instruments INA296A Datasheet HTML 19Page - Texas Instruments INA296A Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
8 Detailed Description
8.1 Overview
The INA296x-Q1 is a high-side, inline, or low-side bidirectional, high-speed current-sense amplifier that offers
a wide common-mode range, precision zero-drift topology, excellent common-mode rejection ratio (CMRR)
and fast slew rate. Different gain versions are available to optimize the output dynamic range based on the
application. The INA296x-Q1 is designed using an architecture that enables low bias currents of 35 µA with a
specified common-mode voltage range from –5 V to 110 V with signal bandwidths up to 1.1 MHz.
8.2 Functional Block Diagram
+
±
+
±
IN+
IN-
GND
V
S
REF1
REF2
OUT
8.3 Feature Description
8.3.1 Amplifier Input Common-Mode Signal
The INA296x-Q1 supports large input common-mode voltages from –5 V to +110 V. The internal topology of
the INA296x-Q1 allows the common-mode range to exceed the power-supply voltage (VS). This allows for the
INA296x-Q1 to be used for low-side, inline, and high-side current-sensing applications that extend beyond the
supply range of 2.7 V to 20 V.
8.3.1.1 Input-Signal Bandwidth
The INA296x-Q1 is available with several gain options including 10 V/V, 20 V/V, 50 V/V, 100 V/V, and 200 V/V.
The unique multistage design enables the amplifier to achieve high bandwidth of 1.1 MHz at all gains. This high
bandwidth provides the throughput and fast response that is required for the rapid detection and processing of
over-current events.
8.3.1.2 Low Input Bias Current
The INA296x-Q1 inputs draw 35 µA (typical) bias current per input pin at common-mode voltages as high as
110 V, which enables precision current sensing on applications that require lower current leakage. Unlike many
high voltage current sense amplifiers whose input bias currents are proportional to the common-mode voltage,
the input bias current of the INA296x-Q1 remains constant over the entire common-mode voltage range.
8.3.1.3 Low VSENSE Operation
The INA296x-Q1 features high performance operation across the entire valid VSENSE range. The zero-drift input
architecture of the INA296x-Q1 provides the low offset voltage and low offset drift needed to measure low
VSENSE levels accurately across the wide operating temperature of –40°C to +125°C. Low VSENSE operation is
particularly beneficial when using low ohmic shunts for low current measurements, as power losses across the
shunt are significantly reduced.
8.3.1.4 Wide Fixed Gain Output
The INA296x-Q1 maximum gain error is ±0.01% at room temperature, with a maximum drift of ±1 ppm/°C over
the full temperature range of –40°C to +125°C. The INA296x-Q1 is available in multiple gain options of 10
INA296A-Q1, INA296B-Q1
SBOSA32A – FEBRUARY 2023 – REVISED AUGUST 2023
www.ti.com
16
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA296A-Q1 INA296B-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com