Electronic Components Datasheet Search
  English  ▼

X  

BCM2004 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # BCM2004
Description  BLUETOOTH RADIO FOR QUALCOMM-BASED HANDSETS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM2004 Datasheet(HTML) 1 Page - Broadcom Corporation.

  BCM2004 Datasheet HTML 1Page - Broadcom Corporation. BCM2004 Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCM2004
®
BLUETOOTH® RADIO FOR QUALCOMM®-BASED HANDSETS
BCM2004 CDMA Handset Application
• BQB qualified as Bluetooth
® version 1.1 and 1.2
• BQB qualified module solutions available today
• Achieves -88 dBm receiver sensitivity under high interference
environments
• Programmable PA provides up to +4 dBm output power,
satisfying requirements for Class 2 or 3 operation
• Spurious and blocking performance supports simultaneous
operation with GPS, CDMA, WCDMA, and GSM/GPRS
worldwide radio frequency plans
• Fully integrated RF front-end matching circuits eliminates
external baluns and T/R switch
• All critical external passive components have been integrated
• Fully integrated voltage regulator supports operation from
1.8V to 4.6V operation
• Advanced packaging to support PCB or module-based
solutions
• Wafer scale chip size package
• Fine pitch ball grid array
• Bluetooth radio designed in cooperation with QUALCOMM,
specifically for use in QUALCOMM®-based handsets
• Only Bluetooth device available which is fully compliant with
QUALCOMM's most advanced CDMA coexistence tests
• Optimized for integration and simultaneous operation in small
form factor handsets
• Enhanced
spurious
emissions
and
cellular
blocking
performance
• Advanced packaging options simplify integration
• Low active power consumption and single digit standby
current
• Highest level of system integration eliminates all external
active and critical components providing the lowest total BOM
cost
• Fabricated in standard bulk CMOS
• Built-in self calibration and temperature compensation
eliminates effects of process and temperature variation
• Smallest total footprint minimizes board area and height
requirements
FE A T UR E S
SU MM AR Y O F B E N E FI TS


Similar Part No. - BCM2004

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM2004 BOARDCOM-BCM2004 Datasheet
138Kb / 2P
BLUETOOTH RADIO FOR QUALCOMM BASED HANDSETS
More results

Similar Description - BCM2004

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PBA31302 INFINEON-PBA31302 Datasheet
27Kb / 2P
Bluetooth Radio Transceiver
2002
PBA31305 INFINEON-PBA31305 Datasheet
25Kb / 2P
Bluetooth Radio Transceiver?
logo
Broadcom Corporation.
BCM2004 BOARDCOM-BCM2004 Datasheet
138Kb / 2P
BLUETOOTH RADIO FOR QUALCOMM BASED HANDSETS
logo
RF Micro Devices
SIW1711 RFMD-SIW1711 Datasheet
292Kb / 10P
BLUETOOTH RADIO MODEM
logo
STMicroelectronics
STLC2150 STMICROELECTRONICS-STLC2150 Datasheet
191Kb / 10P
BLUETOOTH RADIO TRANSCEIVER
Jan-2004
logo
NXP Semiconductors
BGB110 PHILIPS-BGB110 Datasheet
141Kb / 17P
Bluetooth radio module
2000 Oct 03
logo
Freescale Semiconductor...
MC72000 FREESCALE-MC72000 Datasheet
1Mb / 156P
Integrated Bluetooth Radio
logo
List of Unclassifed Man...
W7020 ETC1-W7020 Datasheet
324Kb / 36P
Bluetooth Radio Module
logo
Texas Instruments
LMX5252 TI-LMX5252_15 Datasheet
1Mb / 41P
Bluetooth??Radio
logo
RDA Microelectronics, I...
RDA5876 RDA-RDA5876 Datasheet
343Kb / 22P
SINGLE CHIP FOR BLUETOOTH & FM RADIO TUNER
Rev.1.2-07.2011
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com