Electronic Components Datasheet Search
  English  ▼

X  

6818 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 6818
Description  DABiC-IV, 32-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

6818 Datasheet(HTML) 1 Page - Allegro MicroSystems

  6818 Datasheet HTML 1Page - Allegro MicroSystems 6818 Datasheet HTML 2Page - Allegro MicroSystems 6818 Datasheet HTML 3Page - Allegro MicroSystems 6818 Datasheet HTML 4Page - Allegro MicroSystems 6818 Datasheet HTML 5Page - Allegro MicroSystems 6818 Datasheet HTML 6Page - Allegro MicroSystems 6818 Datasheet HTML 7Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DABiC-IV, 32-BIT SERIAL-INPUT,
LATCHED SOURCE DRIVER
The A6818– devices combine a 32-bit CMOS shift register, accompanying
data latches and control circuitry with bipolar sourcing outputs and pnp active pull
downs. Designed primarily to drive vacuum-fluorescent displays, the 60 V and -
40 mA output ratings also allow these devices to be used in many other peripheral
power driver applications. The A6818– features an increased data input rate
(compared with the older UCN/UCQ5818–F) and a controlled output slew rate.
The CMOS shift register and latches allow direct interfacing with micro-
processor-based systems. With a 3.3 V or 5 V logic supply, typical serial-data
input rates are up to 33 MHz.
A CMOS serial data output permits cascade connections in applications
requiring additional drive lines. Similar devices are available as the A6810–
(10 bits) and A6812– (20 bits).
The A6818– output source drivers are npn Darlingtons, capable of
sourcing up to 40 mA. The controlled output slew rate reduces electromag-
netic noise, which is an important consideration in systems that include
telecommunications and/or microprocessors and to meet government emis-
sions regulations. For inter-digit blanking, all output drivers can be disabled
and all sink drivers turned on with a BLANKING input high. The pnp active
pull-downs will sink at least 2.5 mA.
Three temperature ranges are available for optimum performance in
commercial (suffix S-), industrial (E-), and extended industrial (K-) applica-
tions. The package style provided is the minimum-area surface-mount PLCC
(suffix -EP). Copper lead frames, low logic-power dissipation, and low
output-saturation voltages allow these devices to drive most multiplexed
vacuum-fluorescent displays over the maximum operating temperature range.
The lead (Pb) free versions have 100% matte tin leadframe plating.
FEATURES
■ Controlled Output Slew Rate
■ High-Speed Data Storage
■ 60 V Minimum
■ High Data Input Rate
Output Breakdown
■ Low Output-Saturation Voltages
■ PNP Active Pull-Downs
■ Improved Replacements
■ Low-Power CMOS Logic
for SN75518N, SN75518NF,
and Latches
UCN5818–, and UCQ5818–
ABSOLUTE MAXIMUM RATINGS
at TA = 25°C
Logic Supply Voltage, VDD .................. 7.0 V
Driver Supply Voltage, VBB ................... 60 V
Continuous Output Current Range,
IOUT ......................... -40 mA to +15 mA
Input Voltage Range,
VIN ....................... -0.3 V to VDD + 0.3 V
Package Power Dissipation,
PD ........................................ See Graph
Operating Temperature Range, TA
(Suffix ‘E–’) .................. -40°C to +85°C
(Suffix ‘K–’) ................ -40°C to +125°C
(Suffix ‘S–’) .................. -20°C to +85°C
Storage Temperature Range,
TS ............................... -55°C to +125°C
Caution: These CMOS devices have input
static protection (Class 2) but are still
susceptible to damage if exposed to
extremely high static electrical charges.
A6818xEP
6818
12
13
14
15
16
17
10
11
9
8
7
35
34
33
32
31
36
37
38
39
29
30
Part Number
Pb-free
Packing
Ambient Temperature, TA
(°C)
A6818EEP
–
27 pieces/tube
A6818EEP-T
Yes
–40 to 85
A6818EEPTR
–
450 pieces/13-in. reel
A6818EEPTR-T
Yes
A6818KEP
–
27 pieces/tube
A6818KEP-T
Yes
–40 to 125
A6818KEPTR
–
450 pieces/13-in. reel
A6818KEPTR-T
Yes
A6818SEP
–
27 pieces/tube
A6818SEP-T
Yes
–20 to 85
A6818SEPTR
–
450 pieces/13-in. reel
A6818SEPTR-T
Yes
Always order by complete part number:


Similar Part No. - 6818

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
6818 ALLEGRO-6818 Datasheet
142Kb / 7P
DABiC-IV, 32-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
logo
Molex Electronics Ltd.
68183-0001 MOLEX8-68183-0001 Datasheet
156Kb / 3P
6.25 mm (.246") Pitch, 24 Pin DVI Single Link Digital Plug, Transmitter
68183-0002 MOLEX8-68183-0002 Datasheet
156Kb / 3P
6.25 mm (.246") Pitch, 24 Pin DVI Single Link Digital Plug, Receiver
68183-0005 MOLEX8-68183-0005 Datasheet
102Kb / 3P
USA AC-DC Adapter for Optical Graphic Extension Module
681830005 MOLEX8-681830005 Datasheet
102Kb / 3P
USA AC-DC Adapter for Optical Graphic Extension Module
More results

Similar Description - 6818

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
6809 ALLEGRO-6809 Datasheet
150Kb / 8P
DABiC-IV, 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
6811 ALLEGRO-6811 Datasheet
156Kb / 8P
DABiC-IV, 12-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
May 15, 2000
6812 ALLEGRO-6812 Datasheet
178Kb / 10P
DABiC-IV, 20-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
6818 ALLEGRO-6818 Datasheet
142Kb / 7P
DABiC-IV, 32-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
A6810 ALLEGRO-A6810 Datasheet
115Kb / 8P
DABiC-IV, 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
A6832 ALLEGRO-A6832 Datasheet
170Kb / 7P
DABiC-5 32-Bit Serial Input Latched Sink Drivers
A6833 ALLEGRO-A6833 Datasheet
174Kb / 7P
DABiC-5 32-Bit Serial Input Latched Sink Drivers
A6812EEP-T ALLEGRO-A6812EEP-T Datasheet
334Kb / 9P
DABiC-IV 20-Bit Serial-Input Latched Source Driver
A6832SEPTR-T ALLEGRO-A6832SEPTR-T Datasheet
211Kb / 7P
DABiC-5 32-Bit Serial Input Latched Sink Drivers
6812 ALLEGRO-6812_03 Datasheet
139Kb / 9P
DABiC-IV, 20-BIT SERIAL-INPUT LATCHED SOURCE DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com