Electronic Components Datasheet Search
  English  ▼

X  

BCM3510 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # BCM3510
Description  HDTV/CATV RECEIVER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM3510 Datasheet(HTML) 1 Page - Broadcom Corporation.

  BCM3510 Datasheet HTML 1Page - Broadcom Corporation. BCM3510 Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCM3510
®
HDTV/CATV RECEIVER
QAM/VSB CATV/HDTV Receiver
• Integrated 64/256-QAM and 8-VSB receiver
• 1–51 Mbps variable rate QAM/VSB receiver
• Direct 36/44 MHz IF sampled architecture
• 10-bit A/D converter with integral AGC amplifier
• Digital demodulator and matched filters
• Adjacent channel filters
• NTSC co-channel rejection filter
• 496-tap adaptive decision-feedback equalizer
• All-digital clock and carrier recovery
• Integrated PLLs to minimize external components
• CATV/HDTV standards-compliant FEC decoder
• ITU-T J.83 annex A/B/C CATV modes
• ATSC A/53 HDTV mode
• Integrated deinterleaver RAM for all modes
• Intelligent embedded microcontroller
• MPEG-2 transport output
• PCMCIA and Smart Card Format—EIA 679 A, B
• PLL generated output clock
• Glueless interface to BCM7020 video and graphics subsystem
• Low-power standby mode
• I
2C or SPI microcontroller interface
• 128-pin PQFP package
• 3.3V I/O and analog operation, 1.8V digital operation
• Full equalizer architecture spans -6 to +40 ms delays
• Automatic NTSC co-channel rejection filter provides
performance superior to traditional designs
• Full 496-tap equalizer implementation eliminates multipath
effects over a wide dynamic range
• Full 496-tap equalizer implementation eliminates multipath
effects over a wide dynamic range
• Digital adjacent channel filters provide additional rejection for
challenging environmental conditions
• On-chip digital PLL simplifies circuit design
• Integrated microcontroller with on-chip ROM for simplified
software development, intelligent monitoring, and fast-
channel acquisition
• Operates at 15 dB SNR threshold of visibility.
• Multiple AGC loops handle wide dynamic range input and
rapid signal fading
• Integrated AGC and 10-bit A/D converter for direct interface
to standard DTV tuners
• MPEG-2 transport interface requires no glue logic to interface
to the BCM7020 video and graphics subsystem, smart cards,
and PCMCIA conditional access devices
• Support for both QAM and VSB for cable TV-ready systems
at no additional cost
FE A T UR E S
SU MM AR Y O F B E N E FI TS
BCM7020
HDTV MPEG-2
Transport Demux,
Audio/ Video
Decoder and
Display Engine
ATSC/CATV
Tuner
Memory
Conditional
Access
HD Video
Audio
RF
IN
BCM3510
VSB/QAM
HDTV/CATV
Receiver


Similar Part No. - BCM3510

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM3510 BOARDCOM-BCM3510 Datasheet
108Kb / 1P
HDTV/CATV RECEIVER
BCM3510 BOARDCOM-BCM3510 Datasheet
221Kb / 2P
AVC/MPEG-2/VC-1 HD DECODE/SD DISPLAY SYSTEM-ON-A-CHIP SOLUTION FOR SATELLITE, IP, CABLE, AND WATCH-AND-RECORD DVR
More results

Similar Description - BCM3510

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM3510 BOARDCOM-BCM3510 Datasheet
108Kb / 1P
HDTV/CATV RECEIVER
logo
Gennum Corporation
GS1540 GENNUM-GS1540 Datasheet
180Kb / 16P
HDTV Serial Digital Non-Equalizing Receiver
GS1545 GENNUM-GS1545 Datasheet
198Kb / 19P
HDTV Serial Digital Equalizing Receiver
GS1540 GENNUM-GS1540_04 Datasheet
238Kb / 17P
HDTV Serial Digital Non-Equalizing Receiver
GS1545 GENNUM-GS1545_04 Datasheet
279Kb / 19P
HDTV Serial Digital Equalizing Receiver
logo
Emcore Corporation
7820C EMCORE-7820C Datasheet
567Kb / 6P
CATV Optical Receiver
7830W EMCORE-7830W Datasheet
504Kb / 4P
CATV Optical Receiver
7820A EMCORE-7820A Datasheet
579Kb / 6P
7820A CATV Optical Receiver
2809 EMCORE-2809_16 Datasheet
494Kb / 2P
Channel LDS CATV Optical Receiver
2808 EMCORE-2808_16 Datasheet
574Kb / 2P
Channel CATV Optical Receiver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com