Electronic Components Datasheet Search
  English  ▼

X  

BCM3517 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # BCM3517
Description  ATSC/VSB DIGITAL CABLE READY DTV RECEIVER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM3517 Datasheet(HTML) 2 Page - Broadcom Corporation.

  BCM3517 Datasheet HTML 1Page - Broadcom Corporation. BCM3517 Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
O V ERVI EW
®
Phone: 949-450-8700
Fax: 949-450-8710
E-mail: info@broadcom.com
Web: www.broadcom.com
BROADCOM CORPORATION
16215 Alton Parkway, P.O. Box 57013
Irvine, California 92619-7013
© 2006 by BROADCOM CORPORATION. All rights reserved.
3517-PB03-R
10/23/06
Broadcom®, the pulse logo, QAMLink®, Connecting everything®, and the Connecting everything
logo are among the trademarks of Broadcom Corporation and/or its affiliates in the United States, certain
other countries and/or the EU. Any other trademarks or trade names mentioned are the property of their
respective owners.
BCM3517 Block Diagram
The BCM3517 is an ATSC/VSB Digital Cable Ready DTV receiver that
contains a digital receiver that is compatible with both North American
digital cable television and digital terrestrial broadcast television
standards. This receiver is capable of receiving all standard-definition
and high-definition digital formats (SDTV/HDTV). An out-of-band
QPSK receiver is also contained to meet the needs of the CableCARD
specification.
The BCM3517’s digital receiver accepts an analog signal centered at the
standard television IF frequencies, and amplifies and digitizes this signal
with an integrated programmable gain amplifier and 12-bit A/D
converter. The output of the A/D is sent to the receiver and demodulator.
The digital receiver consists of a QAM demodulator and a VSB
demodulator. Each demodulator contains adaptive filters that remove
multipath propagation effects, NTSC co-channel interference, and RFI
interference. The output of the VSB demodulator goes to an ATSC A/53
coding forward error corrector (FEC), with integrated trellis and Reed-
Solomon decoder. The output of the QAM demodulator goes to an ITU-
T J.83 Annex A/B/C coding FEC. The output of either QAM or VSB
FEC is delivered in either parallel or serial MPEG-2 transport format.
All gain, clock, and carrier, acquisition, and tracking loops are integrated
on-chip as are the necessary phase-locked loops, referenced to a single
external crystal.
Chip configuration, channel acquisition, and performance monitoring
functions are conducted by the on-chip acquisition processor using
Broadcom-provided software.
BSC/SPI Host
Interface
Antenna
Control
JTAG
Controller
MPEG
Transport
OOB Transport
for CableCard/
POD
Tuner/Peripheral
Control
54-MHz
Overtone
Crystal
3rd
GPIO
OOB Tuner
Inband Tuner
GPO
Inband AGT
Interrupt
Inband AGI
Inband AFT
OOB AGC
OOB VCO
Internal Bus
To All Blocks
BSC/SPI
Slave
Interface
HAB
Master
PLL
Acquisition
Processor
Inband AFE
PGA
12-bit A/D
AGC Control
ITU-T J.83
Annex A/B/C FEC
ATSC FEC
EIA/CEA-909
Interface
BSC Master
Interface
JTAG
Interface
GPIO/GPO
Interface
OOB AFE
PGA
6-bit A/D
AGC Control
VCO
OOB QPSK
Receiver
DVS-167 FEC
DVS-167 FEC
Output
Interface
ATSC 8/16 VSB
Advanced
Receiver
16-1024 QAM
Advanced
Receiver
OOB
Output
Interface



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com