Electronic Components Datasheet Search
  English  ▼

X  

CGY2010G Datasheet(PDF) 8 Page - NXP Semiconductors

Part # CGY2010G
Description  GSM 4 W power amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CGY2010G Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button CGY2010G Datasheet HTML 4Page - NXP Semiconductors CGY2010G Datasheet HTML 5Page - NXP Semiconductors CGY2010G Datasheet HTML 6Page - NXP Semiconductors CGY2010G Datasheet HTML 7Page - NXP Semiconductors CGY2010G Datasheet HTML 8Page - NXP Semiconductors CGY2010G Datasheet HTML 9Page - NXP Semiconductors CGY2010G Datasheet HTML 10Page - NXP Semiconductors CGY2010G Datasheet HTML 11Page - NXP Semiconductors CGY2010G Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
1996 Jul 08
8
Philips Semiconductors
Objective specification
GSM 4 W power amplifiers
CGY2010G; CGY2011G
APPLICATION INFORMATION
Fig.3 Evaluation board schematic (FR4, 0.8 mm).
handbook, full pagewidth
1
2
3
4
5
6
7
8
9
10
11
48 47 46 45 44 43 42 41 40 39 38 37
12
MGB764
13 14 15 16 17 18 19 20 21 22 23 24
1 k
Ω
560
Ω
1 k
Ω
39 pF
39
pF
100
Ω
100
Ω
39
Ω
−90 µA
100 pF
100 pF
0.8 to 3 V
BSR14
10
nF
10
pF
33 pF
(1)
(4)
(1)
(1)
22
nH
TRL3
(2)
TRL1
PHP109
BAS70
BAS70
1 nF
10
pF
8
pF
1.25 V
PMOS
Ron < 0.1 Ω
10 nH
1.5 pF
36
35
34
33
32
31
30
29
28
27
26
25
1
nF
27
pF
1
nF
10 pF
100 pF
X7R
DC output
Vdiode
Vcontrol
Vbat
+4.8 V
Zc = 50 Ω
47
Ω
(3)
TRL2
100
Ω
PA
input
PA
output
−2 V
CGY2010G
CGY2011G
VGG1
VGG2
RFO/VDD4
VDD1
VDD2
VDD3
RFI
DETO
(1) These capacitors are type: SMD0402; rest of the capacitors: SMD0603.
(2) TRL1: width: 0.3 mm; length: 16 mm.
(3) TRL2: width: 0.3 mm; length: 6.3 mm.
(4) TRL3: width: 0.3 mm; length: 20 mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com