Electronic Components Datasheet Search
  English  ▼

X  

A8697 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A8697
Description  Wide Input Voltage 4.0 A Step Down Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8697 Datasheet(HTML) 2 Page - Allegro MicroSystems

  A8697 Datasheet HTML 1Page - Allegro MicroSystems A8697 Datasheet HTML 2Page - Allegro MicroSystems A8697 Datasheet HTML 3Page - Allegro MicroSystems A8697 Datasheet HTML 4Page - Allegro MicroSystems A8697 Datasheet HTML 5Page - Allegro MicroSystems A8697 Datasheet HTML 6Page - Allegro MicroSystems A8697 Datasheet HTML 7Page - Allegro MicroSystems A8697 Datasheet HTML 8Page - Allegro MicroSystems A8697 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Wide Input Voltage 4.0 A Step Down Regulator
A8697
2
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Absolute Maximum Ratings
Characteristic
Symbol
Conditions
Min.
Typ.
Max.
Units
VIN Supply Voltage
VIN
–
–
25
V
VBIAS Input Voltage
VBIAS
–0.3
–
7
V
Switching Voltage
VS
–1
–
–
V
ENB Input Voltage
VENB
–0.3
–
7
V
Operating Ambient Temperature Range
TA
Range E
–40
–
85
°C
Junction Temperature
TJ(max)
–
–
150
°C
Storage Temperature
TS
–55
–
150
°C
*Output current rating may be limited by duty cycle, ambient temperature, and heat sinking. Under any set of conditions, do not exceed
the specified current ratings, or a junction temperature, TJ, of 150°C.
Package Thermal Characteristics*
Package
RθJA
(°C/W)
PCB
LJ
35
4-layer
* Additional information is available on the Allegro website.
Ordering Information
Use the following complete part numbers when ordering:
Part Numbera
Packingb
Description
A8697ELJTR-T
13 in. reel, 3000 pieces/reel
LJ package, SOIC surface mount with
exposed thermal pad
A8697ELJ-T
98 pieces/tube
aLeadframe plating 100% matte tin.
bContact Allegro for additional packing options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com