Electronic Components Datasheet Search
  English  ▼

X  

SY88923AVEC Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY88923AVEC
Description  5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88923AVEC Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY88923AVEC Datasheet HTML 1Page - Micrel Semiconductor SY88923AVEC Datasheet HTML 2Page - Micrel Semiconductor SY88923AVEC Datasheet HTML 3Page - Micrel Semiconductor SY88923AVEC Datasheet HTML 4Page - Micrel Semiconductor SY88923AVEC Datasheet HTML 5Page - Micrel Semiconductor SY88923AVEC Datasheet HTML 6Page - Micrel Semiconductor SY88923AVEC Datasheet HTML 7Page - Micrel Semiconductor SY88923AVEC Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
SY88923AV
Micrel, Inc.
M9999-110905
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
LOSLVL
GND
6
5
1
/EN
DIN
/DIN
VREF
10 VCC
DOUT
/DOUT
LOST
9
8
7
2
3
4
10-Pin MSOP (K10-1)
10-Pin EPAD-MSOP (K10-2)
PIN DESCRIPTION
Pin Number
Pin Number
MSOP
EPAD-MSOP
Pin Name
Type
Pin Function
1
1
/EN
TTL Input
Output Enable (Active Low).
2
2
DIN
Data Input
Data Input.
3
3
/DIN
Data Input
Inverting Data Input.
4
4
VREF
Output
Reference Voltage Output for LOS Level Set (see Figure 3).
5
5
LOSLVL
Input
LOS Limit Set.
6
6,
GND
Ground
Ground. Exposed pad must be connected to PCB ground
(Exposed Pad)
plane.
7
7
LOS
TTL Output
Loss of Signal Indicator (Active High).
(Open Collector)
8
8
/DOUT
PECL Output
Inverting Data Output.
9
9
DOUT
PECL Output
Data Output.
10
10
VCC
Power Supply
Positive Power Supply.
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY88923AVKC
K10-1
Commercial
923AV
Sn-Pb
SY88923AVKCTR(2)
K10-1
Commercial
923AV
Sn-Pb
SY88923AVEC
K10-2
Commercial
923AV
Sn-Pb
SY88923AVECTR(2)
K10-2
Commercial
923AV
Sn-Pb
SY88923AVKG(3)
K10-1
Industrial
923AV with
NiPdAu
Pb-free bar-line indicator
Pb-Free
SY88923AVKGTR(2, 3)
K10-1
Industrial
923AV with
NiPdAu
Pb-free bar-line indicator
Pb-Free
SY88923AVEY(3)
K10-2
Industrial
923AV with
Matte-Sn
Pb-free bar-line indicator
Pb-Free
SY88923AVEYTR(2, 3)
K10-2
Industrial
923AV with
Matte-Sn
Pb-free bar-line indicator
Pb-Free
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC Electricals only.
2. Tape and Reel.
3. Pb-Free package is recommended for new designs.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com