Electronic Components Datasheet Search
  English  ▼

X  

SY88932LMITR Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY88932LMITR
Description  3.3V 3.2Gbps SONET/SDH LASER DRIVER WITH OUTPUT DISABLE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88932LMITR Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY88932LMITR Datasheet HTML 1Page - Micrel Semiconductor SY88932LMITR Datasheet HTML 2Page - Micrel Semiconductor SY88932LMITR Datasheet HTML 3Page - Micrel Semiconductor SY88932LMITR Datasheet HTML 4Page - Micrel Semiconductor SY88932LMITR Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
SY88932L
Micrel, Inc.
M9999-082205
hbwhelp@micrel.com or (408) 955-1690
V
CC = 3.0 to 3.6V, GND = 0V, TA = –40°C to +85°C; Typical values at VCC = 3.3V, TA = 25°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
ICC
Power Supply Current
Note 4
57
80
mA
IMOD
Modulation Current Range
10
60
mA
IMOD_OFF
Modulation Off Current
/EN = VIHEN
200
µA
VIR
CML Input Voltage Range
VCC–0.8
VCC+0.4
V
VID
CML Input Differential Voltage
Note 5
400
800
1600
mVpp
(DIN, /DIN)
VIHEN
TTL Input HIGH Voltage (/EN)
2.0
V
VILEN
TTL Input LOW Voltage (/EN)
0.8
V
VOUT
Voltage (OUT, /OUT)
Note 6
VCC–1.5
VCC
V
VREF
Reference Voltage
Note 7
1.2
1.25
1.3
V
Notes:
1. Permanent device damage may occur if Absolute Maximum Ratings are exceeded. This is a stress rating only and functional operation is not implied
at conditions other than those detailed in the operational sections of this data sheet. Exposure to Absolute Maximum Ratings conditions forextended
periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3. Thermal resistance numbers are for 4-layer PCB. Thermal performance assumes exposed pad is soldered (or equivalent) to the same potential as
the ground pins on the PCB.
4. Excluding IMOD. IMOD set to 60mA with 25Ω load to VCC on OUT, /OUT. Inputs floating.
5. VID is the voltage required to guarantee a stable logic level. For logic “1”, DIN must be
V
2
ID above /D
IN. For stable logic “0”, DIN must
be
V
2
ID below /D
IN.
6. OUT and /OUT are current outputs. This specification defines the voltage range that the user must guarantee these pins remain within for
proper operation.
7. VREF intended to source/sink ≤ |5mA|.
DC ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings(1)
Supply Voltage (VCC) .................................. –0.5V to +4.0V
CML Input Voltage (VIN) ............... VCC –1.0V to VCC +0.5V
TTL Control Input Voltage (VIN) .......................... 0V to VCC
Lead Temperature (soldering, 10 sec.) ..................... 265
°C
Storage Temperature (TS) ....................... –65°C to +150°C
Operating Ratings(2)
Supply Voltage (VCC) .................................. +3.0V to +3.6V
Ambient Temperature (TA) ......................... –40°C to +85°C
Junction Temperature (TJ) ....................... –40°C to +120°C
Package Thermal Resistance(3)
MLF™
(θ
JA) Still-air ............................................ 61°C/W
MLF™
(ψ
JB) Still-air ............................................ 38°C/W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com