Electronic Components Datasheet Search
  English  ▼

X  

2SC6011 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 2SC6011
Description  Audio Amplification Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2SC6011 Datasheet(HTML) 3 Page - Allegro MicroSystems

  2SC6011 Datasheet HTML 1Page - Allegro MicroSystems 2SC6011 Datasheet HTML 2Page - Allegro MicroSystems 2SC6011 Datasheet HTML 3Page - Allegro MicroSystems 2SC6011 Datasheet HTML 4Page - Allegro MicroSystems 2SC6011 Datasheet HTML 5Page - Allegro MicroSystems 2SC6011 Datasheet HTML 6Page - Allegro MicroSystems 2SC6011 Datasheet HTML 7Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Audio Amplification Transistor
2SC6011
3
Performance Characteristics
VCE (V)
IC vs. VCE
VCE(sat) vs. IB
hFE vs. IC
IC vs. VBE
VCE = 4 V Continuous
VCE = 4 V Continuous
VBE (V)
IC=5A
IC=10A
Typ.
IC (A)
0
5
10
15
0
5
10
15
3
2
1
0
0
0.5
1.0
1.5
2.0
02
13
4
IB= 20 mA
50 mA
100 mA
200 mA
300 mA
IB (A)
0
0.5
1.0
1.5
2.0
0.01
0.1
1
10
100
10
1
100
1000
hFE vs. IC
VCE = 4 V Continuous
IC (A)
0.01
0.1
1
10
100
10
100
1000
–30°C
25°C
125°C
0.01
0.10
1.00
10.00
1
1
10
100
1000
RθJA vs. t
t(ms)
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com