Electronic Components Datasheet Search
  English  ▼

X  

2SC6011A Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 2SC6011A
Description  Audio Amplification Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2SC6011A Datasheet(HTML) 2 Page - Allegro MicroSystems

  2SC6011A Datasheet HTML 1Page - Allegro MicroSystems 2SC6011A Datasheet HTML 2Page - Allegro MicroSystems 2SC6011A Datasheet HTML 3Page - Allegro MicroSystems 2SC6011A Datasheet HTML 4Page - Allegro MicroSystems 2SC6011A Datasheet HTML 5Page - Allegro MicroSystems 2SC6011A Datasheet HTML 6Page - Allegro MicroSystems 2SC6011A Datasheet HTML 7Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Audio Amplification Transistor
2SC6011A
2
ABSOLUTE MAXIMUM RATINGS at TA = 25°C
Characteristic
Symbol
Rating
Unit
Collector-Base Voltage
VCBO
230
V
Collector-Emitter Voltage
VCEO
230
V
Emitter-Base Voltage
VEBO
6V
Collector Current
IC
15
A
Base Current
IB
4A
Collector Power Dissipation
PC
160
W
Junction Temperature
TJ
150
°C
Storage Temperature
Tstg
–55 to150
°C
SELECTION GUIDE
Part Number
Type
hFE Rating
Packing
2SC6011A*
NPN
Range O: 50 to 100
Bulk, 100 pieces
Range P: 70 tp 140
Range Y: 90 to 180
*Specify hFE range when ordering. If no hFE range is specified, order will be fulfilled with either or both range O and range Y,
depending upon availability.
ELECTRICAL CHARACTERISTICS at TA = 25°C
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Collector-Cutoff Current
ICBO
VCB = 230 V
–
–
10
μA
Emitter Cutoff Current
IEBO
VEB = 6 V
–
–
10
μA
Collector-Emitter Voltage
V(BR)CEO
IC = 50 mA
230
–
–
V
DC Current Transfer Ratio*
hFE
VCE = 4 V, IC = 3 A
50
–
180
–
Collector-Emitter Saturation Voltage
VCE(sat)
IC = 5 A, IB = 0.5 A
–
–
0.5
V
Cutoff Frequency
fT
VCE = 12 V, IE = –0.5 A
–
20
–
MHz
Output Capacitance
COB
VCB = 10 V, IE = 0 A, f = 1 MHz
–
270
–
pF
*hFE rating: 50 to 100 (O brand on package), 70 to 140 (P), 90 to 180 (Y).
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com