Electronic Components Datasheet Search
  English  ▼

X  

SY89207L Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY89207L
Description  3.3V 800MHz PRECISION PECL AMPLIFIER WITH LOW-GAIN FEEDBACK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89207L Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY89207L Datasheet HTML 1Page - Micrel Semiconductor SY89207L Datasheet HTML 2Page - Micrel Semiconductor SY89207L Datasheet HTML 3Page - Micrel Semiconductor SY89207L Datasheet HTML 4Page - Micrel Semiconductor SY89207L Datasheet HTML 5Page - Micrel Semiconductor SY89207L Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Precision Edge®
SY89207L
Micrel, Inc.
M9999-051805
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
Pin Number
Pin Name
Pin Function
1, 2
QFB, /QFB
Differential clock outputs for feedback path: Nominal DC gain +10.
3, 4
D, /D
LVPECL, LVECL differential inputs: Internal 75k
Ω pull-down resistor.
5
VBB
VCC –1.32V reference voltage for single-ended inputs: It provides the switching reference
for the input differential amplifier. When unused, it can be left open. For single-ended PECL
applications connect VBB to /D input. For differential AC-coupled inputs, terminate each
input with 50
Ω to V
BB as close to the input pins as possible. Always bypass the VBB pin
with a 0.01
µF capacitor to V
CC.
6
EN
Enable: LVPECL/LVECL/CMOS compatible input control with internal 25k
Ω pull-up
resistor. It enables/disables the high-gain output (QHG). Default state is enabled, logic
HIGH, if left floating When EN pin is pulled to a logic LOW or GND, the QHG output pair will
be latched, as described in the “Truth Table.” EN is synchronous so that the outputs will
only be enabled/disabled when they are in the LOW state. Input threshold is VBB.
7
VEE
Negative power supply: For LVECL operation, connect to negative supply. For LVPECL
operation, connect to GND.
8, 9
QHG, /QHG
Differential high-gain outputs: Nominal DC gain is greater than +200.
10
VCC
Positive power supply: For LVECL operation, connect to VCC = 0V. For LVPECL operation,
connect to 3.3V. Bypass with 0.1
µF0.01µF low ESR capacitors.
PIN DESCRIPTION
VBB
EN
6
5
1
QFB
/QFB
D
/D
10 VCC
QHG
/QHG
VEE
9
8
7
2
3
4
10-Pin MSOP (K10-1)
EN
QHG Out
/QHG Out
1
Data
/Data
0
Logic Low
Logic High
TRUTH TABLE
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY89207LMI
K10-1
Industrial
SY89207L
Sn-Pb
SY89207LMITR(2)
K10-1
Industrial
SY89207L
Sn-Pb
SY89207LMG
K10-1
Industrial
SY89207L with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY89207LMGTR(2)
K10-1
Industrial
SY89207L with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC electricals only.
2. Tape and Reel.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com