Electronic Components Datasheet Search
  English  ▼

X  

BZX55-16 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BZX55-16
Description  Voltage regulator diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZX55-16 Datasheet(HTML) 3 Page - NXP Semiconductors

  BZX55-16 Datasheet HTML 1Page - NXP Semiconductors BZX55-16 Datasheet HTML 2Page - NXP Semiconductors BZX55-16 Datasheet HTML 3Page - NXP Semiconductors BZX55-16 Datasheet HTML 4Page - NXP Semiconductors BZX55-16 Datasheet HTML 5Page - NXP Semiconductors BZX55-16 Datasheet HTML 6Page - NXP Semiconductors BZX55-16 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Per type
Tj =25 °C; unless otherwise specified.
BZX55-
CXXX
WORKING
VOLTAGE
VZ (V)
at IZtest
DIFFERENTIAL
RESISTANCE
rdif (Ω)
TEMP. COEFF.
SZ (mV/K)
at IZtest
see Figs 5 and 6
TEST
CURRENT
IZtest (mA)
DIODE CAP.
Cd (pF)
at f = 1 MHz;
at VR =0V
REVERSE CURRENT at
REVERSE VOLTAGE
IR (µA)
NON-REPETITIVE
PEAK REVERSE
CURRENT
IZSM (A)
at tp = 100 µs;
Tamb =25 °C
at
IZ
at
IZtest
at
Tj =25 °C
at
Tj = 150 °C
VR
(V)
MIN.
MAX.
MAX.
MAX.
TYP.
MAX.
MAX.
MAX.
MAX.
2V4
2.28
2.56
600
85
−1.8
5
450
50
100
1.0
6.0
2V7
2.5
2.9
600
85
−1.9
5
450
10
50
1.0
6.0
3V0
2.8
3.2
600
85
−2.1
5
450
4
40
1.0
6.0
3V3
3.1
3.5
600
85
−2.2
5
450
2
40
1.0
6.0
3V6
3.4
3.8
600
85
−2.4
5
450
2
40
1.0
6.0
3V9
3.7
4.1
600
85
−2.4
5
450
2
40
1.0
6.0
4V3
4.0
4.6
600
80
−2.4
5
450
1
20
1.0
6.0
4V7
4.4
5.0
600
70
−1.4
5
300
0.5
10
1.0
6.0
5V1
4.8
5.4
550
50
−0.8
5
300
0.1
2
1.0
6.0
5V6
5.2
6.0
450
30
1.6
5
300
0.1
2
1.0
6.0
6V2
5.8
6.6
200
10
2.2
5
200
0.1
2
2.0
6.0
6V8
6.4
7.2
150
8
3.0
5
200
0.1
2
3.0
6.0
7V5
7.0
7.9
50
7
3.8
5
150
0.1
2
5.0
4.0
8V2
7.7
8.7
50
7
4.5
5
150
0.1
2
6.15
4.0
9V1
8.5
9.6
50
10
5.5
5
150
0.1
2
6.8
3.0
10
9.4
10.6
70
15
6.5
5
90
0.1
2
7.5
3.0
11
10.4
11.6
70
20
7.7
5
85
0.1
2
8.25
2.5
12
11.4
12.7
90
20
8.4
5
85
0.1
2
9.0
2.5
13
12.4
14.1
110
26
9.8
5
80
0.1
2
9.75
2.5
15
13.8
15.6
110
30
11.3
5
75
0.1
2
11.25
2.0
16
15.3
17.1
170
40
12.8
5
75
0.1
2
12.0
1.5
18
16.8
19.1
170
50
14.4
5
70
0.1
2
13.5
1.5
20
18.8
21.2
220
55
16.0
5
60
0.1
2
15.0
1.5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com