Electronic Components Datasheet Search
  English  ▼

X  

SY89529L Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # SY89529L
Description  3.3V 200MHz PRECISION SPREADSPECTRUM CLOCK SYNTHESIZER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89529L Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button SY89529L Datasheet HTML 3Page - Micrel Semiconductor SY89529L Datasheet HTML 4Page - Micrel Semiconductor SY89529L Datasheet HTML 5Page - Micrel Semiconductor SY89529L Datasheet HTML 6Page - Micrel Semiconductor SY89529L Datasheet HTML 7Page - Micrel Semiconductor SY89529L Datasheet HTML 8Page - Micrel Semiconductor SY89529L Datasheet HTML 9Page - Micrel Semiconductor SY89529L Datasheet HTML 10Page - Micrel Semiconductor SY89529L Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
Precision Edge®
SY89529L
Micrel, Inc.
M9999-110405
hbwhelp@micrel.com or (408) 955-1690
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
FM
SSC Modulation Frequency
30
—
33.33
KHz
FMF
SSC Modulation Factor
—
0.5
0.6
%
SRED'N
Spectral Reduction
7
9
—
dB
FOUT = 200MHz(2)
FXTAL
Crystal Input Range
14
16.66
18
MHz
tDC
Output Duty Cycle(1)
48
—
52
%
FOUT = 200MHz
tJIT
Peak-to-Peak, Cycle-to-Cycle
—
20
30
ps
FOUT = 200MHz
Jitter(1)
tPERIOD
Output Period(1)
4995
—
5005
ps
FOUT = 200MHz
tSTABLE
Power-Up to Stable Clock
——
10
ms
Output
tr
Output Rise/Fall Times
300
—
800
ps
FOUT, /FOUT
tf
(20% to 80%)
AC ELECTRICAL CHARACTERISTICS
VCC1 = VCC_Analog = VCC_TTL = VCC_OUT = +3.3V ±10%; T
A = 0°C to +85°C
NOTES:
1. Spread-spectrum clocking enabled.
2. SY89529L spectral reduction is the component-specific indication of EMI reduction. The SY89529L‘s spectral peak reduction is not necessarily the
same as the system EMI reduction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com