Electronic Components Datasheet Search
  English  ▼

X  

SY89834U Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY89834U
Description  2.5V/3.3V TWO INPUT, 1GHz LVTTL/CMOSTO-LVPECL 1:4 FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89834U Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY89834U Datasheet HTML 1Page - Micrel Semiconductor SY89834U Datasheet HTML 2Page - Micrel Semiconductor SY89834U Datasheet HTML 3Page - Micrel Semiconductor SY89834U Datasheet HTML 4Page - Micrel Semiconductor SY89834U Datasheet HTML 5Page - Micrel Semiconductor SY89834U Datasheet HTML 6Page - Micrel Semiconductor SY89834U Datasheet HTML 7Page - Micrel Semiconductor SY89834U Datasheet HTML 8Page - Micrel Semiconductor SY89834U Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Precision Edge®
SY89834U
Micrel, Inc.
M9999-080505
hbwhelp@micrel.com or (408) 955-1690
DESCRIPTION
s Selects between two LVTTL/CMOS inputs and
provides 4 LVPECL output copies
s Guaranteed AC performance over temperature
and voltage:
• DC-to >1.0GHz throughput
• <500ps propagation delay (IN-to-Q)
• < 20ps within-device skew
• < 225ps rise/fall time
s Ultra-low jitter design:
• < 1ps
RMS cycle-to-cycle jitter
• < 1ps
RMS random jitter
• < 10ps
PP deterministic jitter
• < 10ps
PP total jitter (clock)
s Low voltage 2.5V and 3.3V supply operation
s 100K LVPECL outputs
s Industrial temperature range: –40
°C to +85°C
s Includes a 2:1 MUX select input
s Accepts single-ended TTL/CMOS inputs and
provides four LVPECL outputs
s Available in 16-pin (3mm
××××× 3mm) MLF™ package
FEATURES
2.5V/3.3V TWO INPUT, 1GHz LVTTL/CMOS-
TO-LVPECL 1:4 FANOUT BUFFER/
TRANSLATOR WITH 2:1 INPUT MUX
Precision Edge®
SY89834U
APPLICATIONS
s Processor clock distribution/translation
s SONET clock distribution/translation
s Fibre Channel clock distribution/translation
s Gigabit Ethernet clock distribution/translation
s Single-ended ASIC-to-differential communication
IC signal translation
The SY89834U is a high-speed, 1GHz LVTTL/CMOS-to-
LVPECL fanout buffer/translator optimized for high-speed
ultra-low skew applications. The input stage is designed to
accept two single-ended LVTTL/CMOS compatible signals
that feed into a 2:1 MUX. The selected input is translated
and distributed as four differential 100K LVPECL outputs.
Within device skew is guaranteed to be less than 20ps over
supply voltage and temperature.
The single-ended input buffers accept TTL/CMOS logic
levels. The internal threshold of the buffers is defined as
VCC/2.
The SY89834U is a part of Micrel's high-speed Precision
Edge® family. For applications that require a different I/O
combination, consult Micrel's website at: www.micrel.com,
and choose from a comprehensive product line of high-
speed, low-skew fanout buffers, translators and clock
generators.
FUNCTIONAL BLOCK DIAGRAM
Precision Edge is a registered trademark of Micrel, Inc.
MicroLeadFrame and MLF are trademarks of Amkor Technology, Inc.
IN1
(LVTTL/CMOS)
(LVTTL/CMOS)
IN2
Q0
/Q0
Q1
/Q1
Q2
/Q2
Q3
/Q3
Q
D
EN
LVTTL/CMOS)
SEL
(LVTTL/CMOS)
1
0
MUX
1:4
Precision Edge®
August 2005


Similar Part No. - SY89834U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89834U MICREL-SY89834U Datasheet
105Kb / 10P
2.5V/3.3V TWO INPUT , 1GHz LVTTL/CMOS-TO-LVPECL 1:4 FANOUT BUFFER/TRANSLATOR
SY89834U MICREL-SY89834U Datasheet
156Kb / 10P
2.5V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89834UMI MICREL-SY89834UMI Datasheet
105Kb / 10P
2.5V/3.3V TWO INPUT , 1GHz LVTTL/CMOS-TO-LVPECL 1:4 FANOUT BUFFER/TRANSLATOR
SY89834UMITR MICREL-SY89834UMITR Datasheet
105Kb / 10P
2.5V/3.3V TWO INPUT , 1GHz LVTTL/CMOS-TO-LVPECL 1:4 FANOUT BUFFER/TRANSLATOR
More results

Similar Description - SY89834U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89834U MICREL-SY89834U Datasheet
105Kb / 10P
2.5V/3.3V TWO INPUT , 1GHz LVTTL/CMOS-TO-LVPECL 1:4 FANOUT BUFFER/TRANSLATOR
SY89828L MICREL-SY89828L Datasheet
129Kb / 13P
3.3V 1GHz DUAL 1:10 PRECISION LVDS FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
SY89826L MICREL-SY89826L Datasheet
122Kb / 10P
3.3V 1GHz PRECISION 1:22 LVDS FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
logo
ON Semiconductor
NB6LQ572 ONSEMI-NB6LQ572 Datasheet
187Kb / 10P
2.5V / 3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 LVPECL Clock/Data Fanout / Translator
April, 2009 ??Rev. 0
NB7L572 ONSEMI-NB7L572 Datasheet
161Kb / 9P
2.5V / 3.3V Differential 4:1 Mux Input to 1:2 LVPECL Clock/Data Fanout / Translator
December, 2008 ??Rev. 1
NB7L585 ONSEMI-NB7L585 Datasheet
159Kb / 9P
2.5V / 3.3V Differential 2:1 Mux Input to 1:6 LVPECL Clock/Data Fanout Buffer / Translator
December, 2009 ??Rev. 1
NB7LQ572 ONSEMI-NB7LQ572 Datasheet
294Kb / 12P
2.5V / 3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 LVPECL Clock/Data Fanout / Translator
April, 2010 ??Rev. 0
logo
Micrel Semiconductor
SY89828L MICREL-SY89828L_08 Datasheet
163Kb / 13P
3.3V 1GHz DUAL 1:10 PRECISION LVDS FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
logo
ON Semiconductor
NB7L572 ONSEMI-NB7L572_12 Datasheet
140Kb / 11P
2.5V / 3.3V Differential 4:1 Mux Input to 1:2 LVPECL Clock/Data Fanout / Translator
June, 2012 ??Rev. 2
NB7L585 ONSEMI-NB7L585_14 Datasheet
94Kb / 9P
2.5V / 3.3V Differential 2:1 Mux Input to 1:6 LVPECL Clock/Data Fanout Buffer Translator
July, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com