Electronic Components Datasheet Search
  English  ▼

X  

SY89841U Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # SY89841U
Description  Precision LVDS Runt Pulse Eliminator 2:1 Multiplexer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89841U Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button SY89841U Datasheet HTML 5Page - Micrel Semiconductor SY89841U Datasheet HTML 6Page - Micrel Semiconductor SY89841U Datasheet HTML 7Page - Micrel Semiconductor SY89841U Datasheet HTML 8Page - Micrel Semiconductor SY89841U Datasheet HTML 9Page - Micrel Semiconductor SY89841U Datasheet HTML 10Page - Micrel Semiconductor SY89841U Datasheet HTML 11Page - Micrel Semiconductor SY89841U Datasheet HTML 12Page - Micrel Semiconductor SY89841U Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Micrel, Inc.
SY89841U
February 2005
M9999-021405
hbwhelp@micrel.com or (408) 955-1690
9
Case #2: Input Clock Failure: Switching from a
selected clock stuck HIGH to a valid clock (RPE
enabled).
If CLK1 fails HIGH before the RPE MUX selects
CLK2 (using the SEL pin), the switchover will occur
in three stages.
• Stage 1: The output will remain HIGH for a
limited number of pulses of CLK2.
• Stage 2: The output will switch to LOW and then
remain LOW for a limited number of falling edges
of CLK2.
• Stage 3: The output will follow CLK2.
CLK1
CLK2
SEL
OUTPUT
Select CLK1
Stage 1
Stage 2
Stage 3
Select CLK2
14 to 16 falling edges of CLK2
Runt pulse eliminated
from output
Timing Diagram 2
Note: Output show extended clock cycle during switchover. Pulse width for both high and low of this cycle will always be
greater than 50% of the CLK2 period.
Case #3: Input Clock Failure: Switching from a
selected clock stuck Low to a valid clock (RPE
enabled).
If CLK1 fails LOW before the RPE MUX selects
CLK2 (using the SEL pin), the switchover will occur
in two stages.
• Stage 1: The output will remain LOW for a
limited number of falling edges of CLK2.
• Stage 2: The output will follow CLK2.
CLK1
CLK2
SEL
OUTPUT
Select CLK1
Stage 1
Stage 2
Select CLK2
13 to 17 falling edges of CLK2
Timing Diagram 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com