Electronic Components Datasheet Search
  English  ▼

X  

AS339 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AS339
Description  LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS339 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AS339 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AS339 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AS339 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS339 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS339 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS339 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS339 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS339 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS339 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
AS339/339A
Data Sheet
1
Aug. 2006 Rev. 1. 6
BCD Semiconductor Manufacturing Limited
General Description
The AS339/339A consist of four independent preci-
sion voltage comparators with a typical offset voltage
of 2.0mV and high gain. They are specifically
designed to operate from a single power supply over
wide range of voltages. Operation from split power
supply is also possible and the low power supply cur-
rent drain is independent of the magnitude of the
power supply voltage.
The AS339/339A series are compatible with industry
standard 339. AS339A has more stringent input offset
voltage than AS339.
The AS339 is available in DIP-14,
SOIC-14 and
TSSOP-14 packages, AS339A is available in DIP-14
and SOIC-14 packages
Features
·
Wide Supply Voltage Range
- Single Supply: 2.0V to 36V
- Dual Supplies:
±1.0V to ±18V
·
Low Supply Current Drain: 0.9mA
·
Low Input Bias Current: 25nA (Typical)
·
Low Input Offset Current:
±5.0nA (Typical)
·
Low Input Offset Voltage: 2.0mV (Typical)
·
Input Common Mode Voltage Range Includes
Ground
·
Differential Input Voltage Range Equals to the
Power Supply Voltage
·
Low Output Saturation Voltage: 200mV at 4mA
·
Open Collector Output
Applications
·
Battery Charger
·
Cordless Telephone
·
Switching Power Supply
·
DC-DC Module
·
PC Motherboard
·
Communication Equipment
Figure 1. Package Types of AS339/339A
DIP-14
SOIC-14
TSSOP-14


Similar Part No. - AS339

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AS339 DIODES-AS339 Datasheet
432Kb / 12P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
Rev 3
logo
BCD Semiconductor Manuf...
AS339,339A BCDSEMI-AS339,339A Datasheet
729Kb / 11P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
JSC ALFA.
AS3394 ALFA-AS3394 Datasheet
505Kb / 8P
CONTROLLABLE SYNTHESIZER VOICE
AS3394ED ALFA-AS3394ED Datasheet
505Kb / 8P
CONTROLLABLE SYNTHESIZER VOICE
logo
Diodes Incorporated
AS339A DIODES-AS339A Datasheet
432Kb / 12P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
Rev 3
More results

Similar Description - AS339

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM139 NSC-LM139 Datasheet
465Kb / 19P
Low Power Low Offset Voltage Quad Comparators
LM139JAN NSC-LM139JAN Datasheet
770Kb / 20P
Low Power Low Offset Voltage Quad Comparators
logo
List of Unclassifed Man...
AZ339 ETC1-AZ339 Datasheet
246Kb / 9P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
National Semiconductor ...
LM2901EP NSC-LM2901EP Datasheet
750Kb / 17P
Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM339D TGS-LM339D Datasheet
2Mb / 4P
Low Power Low Offset Voltage Quad Comparators
LM2901D TGS-LM2901D Datasheet
249Kb / 4P
Low Power Low Offset Voltage Quad Comparators
logo
Leshan Radio Company
LR339 LRC-LR339 Datasheet
134Kb / 6P
Low Power Low Offset Voltage Quad Comparators
logo
BCD Semiconductor Manuf...
AS339,339A BCDSEMI-AS339,339A Datasheet
729Kb / 11P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Texas Instruments
LM139AQML TI1-LM139AQML_16 Datasheet
1Mb / 29P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Diodes Incorporated
AS339 DIODES-AS339 Datasheet
432Kb / 12P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com