Electronic Components Datasheet Search
  English  ▼

X  

AP2122 Datasheet(PDF) 13 Page - BCD Semiconductor Manufacturing Limited

Part # AP2122
Description  HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2122 Datasheet(HTML) 13 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2122 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2122 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2122 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2122 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2122 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP2122 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP2122 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AP2122 Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited AP2122 Datasheet HTML 17Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
13
Sep. 2006 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
AP2122
Typical Performance Characteristics
Figure 4. Output Voltage vs. Output Current
Figure 6. Output Voltage vs. Input Voltage
0
50
100
150
200
250
300
350
0.0
0.3
0.6
0.9
1.2
1.5
Output Current (mA)
AP2122-1.5
V
IN
=2.0V
V
IN
=2.5V
V
IN
=3.0V
01
2345
6
7
0.00
0.25
0.50
0.75
1.00
1.25
1.50
Input Voltage (V)
AP2122-1.5
I
OUT
=30mA
0
50
100
150
200
250
300
350
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Output Current (mA)
AP2122-3.0
V
IN
=3.3V
V
IN
=4V
V
IN
=6V
Figure 5. Output Voltage vs. Output Current
01
2
3
45
67
2.00
2.25
2.50
2.75
3.00
3.25
3.50
Input Voltage (V)
AP2122-3.0
I
OUT
=30mA
Figure 7. Output Voltage vs. Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com