Electronic Components Datasheet Search
  English  ▼

X  

AP4302 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP4302
Description  QUAD OP AMP AND VOLTAGE REFERENCE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP4302 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP4302 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP4302 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP4302 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP4302 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP4302 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP4302 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP4302 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP4302 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP4302 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
QUAD OP AMP AND VOLTAGE REFERENCE
AP4302
1
Jul. 2006 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Data Sheet
General Description
The AP4302 is a monolithic IC specifically designed
to regulate the output current and voltage levels of
switching battery chargers and power supplies.
The device contains quad Op Amps and a 2.5V exter-
nally adjusted voltage reference in a 16-pin package.
The four Op Amps feature accurate voltage and current
control. Combining a stable voltage reference with the
four Op Amps makes AP4302 ideal for use in multi-
function charger, power supply voltage monitor, signal
processing and control system.
The IC offers the power converter designer a control
solution that features increased precision with a corre-
sponding reduction in system complexity and cost.
The AP4302 is available in standard packages of DIP-
16 and SOIC-16.
Features
Op Amp
·
Input Offset Voltage: 0.5mV
·
Supply Current: 250
µA per Op Amp at 5.0V Sup-
ply Voltage
·
Unity Gain Bandwidth: 1MHz
·
Output Voltage Swing: 0 to (VCC-1.5)V
·
Power Supply Range: 3 to 18V
Voltage Reference
·
Reference Voltage Tolerance: 0.5%, 1%
·
Sink Current Capability from 0.1 to 80mA
·
Output Dynamic Impedance: 0.2
Ω
·
Externally Adjusted Voltage Reference: 2.5V
Applications
·
Battery Charger
·
Switching Power Supply
·
Mother Board
Figure 1. Package Types of AP4302
SOIC-16
DIP-16


Similar Part No. - AP4302

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4302 BCDSEMI-AP4302 Datasheet
154Kb / 12P
QUAD OP AMP AND VOLTAGE REFERENCE
AP4302AM BCDSEMI-AP4302AM Datasheet
154Kb / 12P
QUAD OP AMP AND VOLTAGE REFERENCE
AP4302AM-E1 BCDSEMI-AP4302AM-E1 Datasheet
154Kb / 12P
QUAD OP AMP AND VOLTAGE REFERENCE
AP4302AMTR BCDSEMI-AP4302AMTR Datasheet
154Kb / 12P
QUAD OP AMP AND VOLTAGE REFERENCE
AP4302AMTR-E1 BCDSEMI-AP4302AMTR-E1 Datasheet
154Kb / 12P
QUAD OP AMP AND VOLTAGE REFERENCE
More results

Similar Description - AP4302

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4300 BCDSEMI-AP4300 Datasheet
148Kb / 12P
DUAL OP AMP AND VOLTAGE REFERENCE
AP4302 BCDSEMI-AP4302 Datasheet
154Kb / 12P
QUAD OP AMP AND VOLTAGE REFERENCE
AP4303 BCDSEMI-AP4303 Datasheet
158Kb / 12P
QUAD OP AMP AND VOLTAGE REFERENCE
AP4310 BCDSEMI-AP4310 Datasheet
130Kb / 11P
DUAL OP AMP AND VOLTAGE REFERENCE
logo
Ceramate Technical
CP103 CERAMATE-CP103 Datasheet
310Kb / 9P
Dual OP Amp And Voltage Reference
logo
BCD Semiconductor Manuf...
AP4300 BCDSEMI-AP4300_06 Datasheet
159Kb / 12P
DUAL OP AMP AND VOLTAGE REFERENCE
AP4301 BCDSEMI-AP4301_06 Datasheet
160Kb / 13P
DUAL OP AMP AND VOLTAGE REFERENCE
AP4303 BCDSEMI-AP4303_06 Datasheet
168Kb / 12P
QUAD OP AMP AND VOLTAGE REFERENCE
AP4310 BCDSEMI-AP4310_06 Datasheet
140Kb / 11P
DUAL OP AMP AND VOLTAGE REFERENCE
logo
Diodes Incorporated
AP4310E DIODES-AP4310E Datasheet
402Kb / 9P
DUAL OP AMP AND VOLTAGE REFERENCE
Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com