Electronic Components Datasheet Search
  English  ▼

X  

SY89873L Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY89873L
Description  3.3V, 2.0GHz ANY DIFF. IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER FANOUT BUFFER W/ INTERNAL TERMINATION
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89873L Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY89873L Datasheet HTML 1Page - Micrel Semiconductor SY89873L Datasheet HTML 2Page - Micrel Semiconductor SY89873L Datasheet HTML 3Page - Micrel Semiconductor SY89873L Datasheet HTML 4Page - Micrel Semiconductor SY89873L Datasheet HTML 5Page - Micrel Semiconductor SY89873L Datasheet HTML 6Page - Micrel Semiconductor SY89873L Datasheet HTML 7Page - Micrel Semiconductor SY89873L Datasheet HTML 8Page - Micrel Semiconductor SY89873L Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Precision Edge®
SY89873L
Micrel, Inc.
M9999-020707
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings(1)
Supply Voltage (VCC) .................................. –0.5V to +4.0V
Input Voltage (VIN) .................................. –0.5V to VCC+0.3
LVDS Output Current (IOUT) .................................... ±10mA
Input Current IN, /IN (IIN) .......................................... ±50mA
VREF-AC Input Sink/Source Current (IVREF-AC)
(3) ............ ±2mA
Lead Temperature (soldering, 20 sec.) ..................... 260°C
Storage Temperature (TS) ....................... –65°C to +150°C
Operating Ratings(2)
Supply Voltage (VCC) ...................................... +3.3V ±10%
Ambient Temperature (TA) ......................... –40°C to +85°C
Package Thermal Resistance
MLF® (θJA)
Still-Air ............................................................. 60°C/W
500 lfpm ........................................................... 54°C/W
MLF® (ΨJB)
(4)
Junction-to-Board ............................................ 38°C/W
TA= –40°C to +85°C; Unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VCC
Power Supply
3.0
3.3
3.6
V
ICC
Power Supply Current
No load, Max VCC
85
115
mA
RIN
Differential Input Resistance
90
100
110
Ω
(IN-to-/IN)
VIH
Input High Voltage
Note 6
0.1
VCC+0.3
V
IN, /IN
VIL
Input Low Voltage
Note 6
–0.3
VCC+0.2
V
IN, /IN
VIN
Input Voltage Swing
Notes 6, 7
0.1
3.6
V
VDIFF_IN
Differential Input Voltage Swing
Notes 6, 7, 8
0.2
V
|IIN|
Input Current
Note 6
45
mA
IN, /IN
VREF-AC
Reference Voltage
Note 9
VCC –1.525 VCC–1.425 VCC–1.325
V
Notes:
1. Permanent device damage may occur if
“Absolute Maximum Ratings” are exceeded. This is a stress rating only and functional operation is not implied
at conditions other than those detailed in the operational sections of this data sheet. Exposure to
“Absolute Maximum Ratings” conditions for extended
periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3. Due to the limited drive capability use for input of the same package only.
4. Junction-to-board resistance assumes exposed pad is soldered (or equivalent) to the device’s most negative potential on the PCB.
5. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
6. Due to the internal termination (see
“Input Buffer Structure” ) the input current depends on the applied voltages at IN, /IN and VT inputs. Do not apply a
combination of voltages that causes the input current to exceed the maximum limit!
7. See
“Timing Diagram” for VIN definition. VIN(max) is specified when VT is floating.
8. See Figures 1c and 1d for VDIFF definition.
9. Operating using VIN is limited to AC-coupled PECL or CML applications only. Connect directly to VT pin.
DC ELECTRICAL CHARACTERISTICS(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com