Electronic Components Datasheet Search
  English  ▼

X  

AP384XC Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP384XC
Description  CURRENT MODE PWM CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP384XC Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP384XC Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP384XC Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP384XC Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP384XC Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP384XC Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP384XC Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP384XC Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP384XC Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP384XC Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CURRENT MODE PWM CONTROLLER
AP384XC
Data Sheet
1
Sep. 2006 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
General Description
The AP3842C/3C/4C/5C are high performance fixed
frequency current-mode PWM controller series.
These integrated circuits are optimized for off-line and
DC-DC converter applications with minimum external
components. They feature under-voltage lockout
(UVLO) circuit with low start-up current, trimmed
oscillator for precise duty cycle control, current sense
comparator providing maximum current limiting and a
totem pole output stage for increasing output current.
In addition, these ICs also feature accurate protection
against over-temperature, over-current and maximal
output power.
The AP3842C and AP3844C have UVLO thresholds
of 16V(on) and 10V(off); The corresponding thresh-
olds for AP3843C and AP3845C are 8.4 V(on) and
7.6V(off).
The AP3842C and AP3843C can operate approaching
100% duty cycle; AP3844C and AP3845C can operate
from zero to 50% duty cycle.
These ICs are available in SOIC-8 and DIP-8 pack-
ages.
Features
·
Low Start-up Current: 50µA
·
Robust VREF Line/Load Regulation
Low Line Regulation : 4mV
Low Load Regulation : 4mV
·
High Stability of Reference Voltage over a Full
Temperature Range: 0.2mV/ oC
·
Operating Frequency up to 500KHz
·
High PWM Frequency Stability over a Full Tem-
perature Range: 2.5%
·
High PWM Frequency Stability under a Full Sup-
ply Voltage Range: 0.2%
·
Accurate Over-temperature Protection with Hys-
teresis
·
UVLO with Hysteresis
Applications
·
Off-line Converter
·
DC-DC Converter
·
Voltage Adapter
·
CRT Monitor Power Supply
·
Desktop Power Supply
·
DVD/STB Power Supply
SOIC-8
DIP-8
Figure 1. Package Types of AP3842C/3C/4C/5C


Similar Part No. - AP384XC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP384XC DIODES-AP384XC Datasheet
359Kb / 14P
CURRENT MODE PWM CONTROLLER
Rev 2
More results

Similar Description - AP384XC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
Current-mode PWM controller
August 31, 1994
logo
Texas Instruments
UC2846J TI-UC2846J Datasheet
463Kb / 8P
Current Mode PWM Controller
UC1843 TI-UC1843 Datasheet
937Kb / 3P
Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
CURRENT MODE PWM CONTROLLER
logo
Linear Dimensions Semic...
LND3842 LINEAR_DIMENSIONS-LND3842 Datasheet
158Kb / 10P
Current Mode PWM Controller
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
CURRENT MODE PWM CONTROLLER
UC3844Y TI1-UC3844Y Datasheet
708Kb / 28P
CURRENT MODE PWM CONTROLLER
UC3845D-8 TI-UC3845D-8 Datasheet
693Kb / 28P
CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com