Electronic Components Datasheet Search
  English  ▼

X  

AP3842CM Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AP3842CM
Description  CURRENT MODE PWM CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3842CM Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AP3842CM Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3842CM Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3842CM Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3842CM Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3842CM Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3842CM Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3842CM Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3842CM Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3842CM Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CURRENT MODE PWM CONTROLLER
AP384XC
Data Sheet
2
Sep. 2006 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Figure 2. Pin Configuration of AP3842C/3C/4C/5C (Top View)
Pin Configuration
Pin Description
Pin Number
Pin Name
Function
1
COMP
This pin is the Error Amplifier output and is made available for loop compensation.
2VFB
The inverting input of the Error Amplifier. It is normally connected to the switching
power supply output through a resistor divider.
3ISENSE
A voltage proportional to inductor current is connected to this input. The PWM uses
this information to terminate the output switch conduction.
4RT/CT
The Oscillator frequency and maximum output duty cycle are programmed by con-
necting resistor RT to VREF and capacitor CT to ground. Operation to 500 kHz is possi-
ble.
5
GND
The combined control circuitry and power ground.
6
OUTPUT
This output directly drives the gate of a power MOSFET. Peak currents up to 1.0 A are
sourced and sunk by this pin.
7VCC
The positive supply of the control IC.
8VREF
This is the reference output. It provides charging current for capacitor CT through
resistor RT.
P/M Package
(DIP-8/SOIC-8)
COMP
ISENSE
VFB
RT/CT
8
VREF
7
VCC
6
OUTPUT
5
GND
1
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com