Electronic Components Datasheet Search
  English  ▼

X  

RAC40-05SA Datasheet(PDF) 2 Page - Recom International Power

Part # RAC40-05SA
Description  40 Watt Single, Dual & Triple Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC40-05SA Datasheet(HTML) 2 Page - Recom International Power

  RAC40-05SA Datasheet HTML 1Page - Recom International Power RAC40-05SA Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RAC40-S_D_TB
Series
POWERLINE
AC/DC-Converter
Package Style and Pinning
Simplified Schematics
10.0
81.30
27.00
2
6
5
12.70
Bottom View
89.00
63.50
1.0
4
12.70
1
55.88
3
15.24
7
15.24
Tolerance =± 0.5 mm
Rectifier
Filter
FG
Overcurrent
Protection
+Vout
Isolation
Reference
& Error AMP
-Vout
L
N
PWM
Controller
Rectifier
Filter
FG
Overcurrent
Protection
Com
+Vout
Isolation
Reference
& Error AMP
-Vout
L
N
PWM
Controller
Pin Connections
Pin #
Single Out
Dual Out
5/12(15)
Triple Out
1
VAC in (L)
VAC in (L)
VAC in (L)
VAC in (L)
2
VAC in (N)
VAC in (N)
VAC in (N)
VAC in (N)
3
+VDC out
+VDC out
+12V(15V)
+12V(15V)
4
No Pin
No Pin
+5V Out
+5V Out
5
-VDC out
Com
+12V(15V) Rtn
Com
6
No Pin
No Pin
+5V Rtn
+5V Rtn
7
NC
-VDC out
No Pin
-12V(15V)
3rd angle
projection
12-February-2007
www.recom-international.com
2
Rectifier
FG
Line Filter
Isolation
Reference
& Error AMP
-Vout
L
N
PWM
Controller
+Vout
Com
+5Vout
+5V Rtn
Overcurrent
Protection
Notes
Note 1: Line Regulation = 5% max. for Auxilary Outputs
Note 2: Load Regulation = 7% max. for Auxilary Outputs
Note 3: Ripple & Noise measured with 20MHz BW probe and 0.1µF +
47µF capacitors in parallel across the outputs.
Ripple and Noise = 50mV typ. for 3.3V Output.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com