Electronic Components Datasheet Search
  English  ▼

X  

LM2901AV Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM2901AV
Description  LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2901AV Datasheet(HTML) 1 Page - Texas Instruments

  LM2901AV Datasheet HTML 1Page - Texas Instruments LM2901AV Datasheet HTML 2Page - Texas Instruments LM2901AV Datasheet HTML 3Page - Texas Instruments LM2901AV Datasheet HTML 4Page - Texas Instruments LM2901AV Datasheet HTML 5Page - Texas Instruments LM2901AV Datasheet HTML 6Page - Texas Instruments LM2901AV Datasheet HTML 7Page - Texas Instruments LM2901AV Datasheet HTML 8Page - Texas Instruments LM2901AV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
1 Features
• NEW LM339B and LM2901B
• Improved specifications of B-version
– Maximum rating: up to 38 V
– ESD rating (HBM): 2k V
– Low input offset: 0.37 mV
– Low input bias current: 3.5 nA
– Low supply-current: 200 µA per comparator
– Faster response time of 1 µsec
– Extended temperature range for LM339B
• B-version is drop-in replacement for LM239,
LM339 and LM2901, A and V versions
• Common-mode input voltage range includes
ground
• Differential input voltage range equal to maximum-
rated supply voltage: ±38 V
• Low output saturation voltage
• Output compatible with TTL, MOS, and CMOS
• For single version, see the TL331B
• For dual version, see the LM393B or LM2903B
2 Applications
• Vacuum robot
• Single phase UPS
• Server PSU
• Cordless power tool
• Wireless infrastructure
• Applicances
• Building automation
• Factory automation & control
• Motor drives
• Infotainment & cluster
3 Description
The LM339B and LM2901B devices are the
next generation versions of the industry-standard
LM339 and LM2901 comparator family. These next
generation B-version comparators feature lower offset
voltage, higher supply voltage capability, lower supply
current, lower input bias current, lower propagation
delay, and improved 2 kV ESD performance and
input ruggedness through dedicated ESD clamps.
The LM339B and LM2901B can drop-in replace the
LM239, LM339 and LM2901, for both "A" and "V"
grades.
All devices consist of four independent voltage
comparators that are designed to operate from a
single power supply over a wide range of voltages.
Device Information
PART NUMBER
PACKAGE (1)
BODY SIZE (NOM)
LM139x
CDIP (14)
21.30 mm × 7.60 mm
LM139x, LM239x, LM339x,
LM2901x, LM339B,
LM2901B
SOIC (14)
8.70 mm × 3.90 mm
LM239, LM339x, LM2901
PDIP (14)
19.30 mm × 6.40 mm
LM239, LM2901, LM339B,
LM2901B
TSSOP (14)
5.00 mm × 4.40 mm
LM339x, LM2901, LM339B,
LM2901B
SO (14)
10.20 mm × 5.30 mm
LM339x, LM339B
SSOP (14)
6.50 mm × 5.30 mm
LM2901B
SOT-23 (14)
4.20 mm x 2.00 mm
LM339B, LM2901B
WQFN (16)
3.00 mm x 3.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Family Comparison Table
Specification
LM339B
LM2901B
LM339
LM339A
LM2901
LM2901A
LM2901V
LM2901AV
LM139
LM139A
LM239
LM239A
Units
Supply Voltage
2 to 36
2 to 36
2 to 30
2 to 30
2 to 32
2 to 30
2 to 30
V
Total Supply Current
(5V to 36V max)
0.8 to 1
0.8 to 1
1 to 2.5
1 to 2.5
1 to 2.5
1 to 2.5
1 to 2.5
mA
Temperature Range
−40 to 85 −40 to 125
0 to 70
−40 to 125
−40 to 125
−55 to 125 −25 to 85
°C
ESD (HBM)
2000
2000
1000
1000
1000
1000
1000
V
Offset Voltage
(Max over temp)
± 5.5
± 5.5
± 9
± 4
± 15
± 4
± 15
± 4
± 9
± 4
± 9
± 4
mV
Input Bias Current (typ / max)
3.5 / 25
3.5 / 25
25 / 250
25 / 250
25 / 250
25 / 100
25 / 250
nA
Response Time (typ)
1
1
1.3
1.3
1.3
1.3
1.3
µsec
LM139, LM239, LM339, LM339B, LM139A, LM239A
LM339A, LM2901B, LM2901, LM2901AV, LM2901V
SLCS006X – OCTOBER 1979 – REVISED OCTOBER 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - LM2901AV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2901AV TI-LM2901AV Datasheet
587Kb / 23P
QUAD DIFFERENTIAL COMPARATORS
LM2901AV TI-LM2901AV Datasheet
743Kb / 25P
QUAD DIFFERENTIAL COMPARATORS
LM2901AV TI-LM2901AV Datasheet
1Mb / 33P
QUAD DIFFERENTIAL COMPARATORS
LM2901AV TI1-LM2901AV Datasheet
1Mb / 34P
QUAD DIFFERENTIAL COMPARATORS
LM2901AV TI1-LM2901AV Datasheet
2Mb / 28P
Low-Power Low-Offset Voltage Quad Comparators
More results

Similar Description - LM2901AV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM139 TI-LM139_06 Datasheet
587Kb / 23P
QUAD DIFFERENTIAL COMPARATORS
LM139-N TI1-LM139-N Datasheet
500Kb / 21P
LM139/LM239/LM339/LM2901/LM3302 Low Power Low Offset Voltage Quad Comparators
LM139A TI1-LM139A Datasheet
1Mb / 33P
QUAD DIFFERENTIAL COMPARATORS
LM139-N TI1-LM139-N_14 Datasheet
1Mb / 31P
LM139/LM239/LM339/LM2901/LM3302 Low Power Low Offset Voltage Quad Comparators
LM139 TI1-LM139_14 Datasheet
1Mb / 34P
QUAD DIFFERENTIAL COMPARATORS
OPA843IDBVRG4 TI1-OPA843IDBVRG4 Datasheet
1Mb / 34P
QUAD DIFFERENTIAL COMPARATORS
LM139-MIL TI1-LM139-MIL Datasheet
478Kb / 19P
Quad Differential Comparators
LM139 TI-LM139_V01 Datasheet
1Mb / 48P
LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
LM139 TI-LM139_V02 Datasheet
1Mb / 48P
LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
LM139 TI1-LM139_V03 Datasheet
1Mb / 48P
LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com