Electronic Components Datasheet Search
  English  ▼

X  

TLV387 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TLV387
Description  TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV387 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLV387 Datasheet HTML 15Page - Texas Instruments TLV387 Datasheet HTML 16Page - Texas Instruments TLV387 Datasheet HTML 17Page - Texas Instruments TLV387 Datasheet HTML 18Page - Texas Instruments TLV387 Datasheet HTML 19Page - Texas Instruments TLV387 Datasheet HTML 20Page - Texas Instruments TLV387 Datasheet HTML 21Page - Texas Instruments TLV387 Datasheet HTML 22Page - Texas Instruments TLV387 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
7.3 Power Supply Recommendations
The TLVx387 family of devices is specified for operation from 1.7 V to 5.5 V for single supplies, and ±0.85 V to
±2.75 V for dual supplies. Key parameters that can exhibit significant variance with regard to operating voltage
are presented in Section 5.8.
CAUTION
Supply voltages greater than 6 V can permanently damage the device (see Section 5.1).
7.4 Layout
7.4.1 Layout Guidelines
Pay attention to good layout practice. Keep traces short and, when possible, use a printed-circuit board (PCB)
ground plane with surface-mount components placed as close to the device pins as possible. Place a 0.1-µF
capacitor close to the supply pins. These guidelines must be applied throughout the analog circuit to improve
performance, and provide benefits such as reducing the electromagnetic interference (EMI) susceptibility.
For lowest offset voltage and precision performance, optimize circuit layout and mechanical conditions. Avoid
temperature gradients that create thermoelectric (Seebeck) effects in the thermocouple junctions formed from
connecting dissimilar conductors. Cancel these thermally-generated potentials by making sure that the potentials
are equal on both input pins. Other layout and design considerations include:
• Use low thermoelectric-coefficient conditions (avoid dissimilar metals).
• Thermally isolate components from power supplies or other heat sources.
• Shield operational amplifier and input circuitry from air currents, such as cooling fans.
Follow these guidelines to reduce the likelihood of junctions being at different temperatures, which can cause
thermoelectric voltage drift of 0.1 µV/°C or higher depending on materials used.
7.4.2 Layout Example
+
V
IN
V
OUT
R
G
R
F
R
IN
GND
Figure 7-4. Schematic Representation
CBYPASS
Minimize
parasitic
inductance by
placing bypass
capacitor close
to V+.
RF
Route trace under package for output to
feedback resistor connection.
V+
–IN
+IN
V–
OUT
Keep high
impedance
input signal
away from
noisy traces.
VIN
VOUT
VS
RG
Figure 7-5. Layout Example
www.ti.com
TLV387, TLV2387
SBOSA91A – DECEMBER 2021 – REVISED NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TLV387 TLV2387



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com