Electronic Components Datasheet Search
  English  ▼

X  

ESD08V23T-2LA Datasheet(PDF) 2 Page - UN Semiconducctor INC

Part # ESD08V23T-2LA
Description  Transient Voltage Suppressors for ESD Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

ESD08V23T-2LA Datasheet(HTML) 2 Page - UN Semiconducctor INC

  ESD08V23T-2LA Datasheet HTML 1Page - UN Semiconducctor INC ESD08V23T-2LA Datasheet HTML 2Page - UN Semiconducctor INC ESD08V23T-2LA Datasheet HTML 3Page - UN Semiconducctor INC ESD08V23T-2LA Datasheet HTML 4Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Characteristic Curves
Fig2. ESD Pulse Waveform (according to IEC 61000-4-2)
ROHS
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Electrical Characteristics @ 25℃ Unless Otherwise Specified )
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
2/3
ESDXXV23T-2LA Series
Transient Voltage Suppressors for ESD Protection
Fig3. ESD Clamping (+8KV Contac per IEC61000-4-2)
Fig4. ESD Clamping (-8KV Contac per IEC61000-4-2)
Fig1. 8/20μs Pulse Waveform
ESD03V23T-2LA
ESD05V23T-2LA
ESD08V23T-2LA
ESD12V23T-2LA
ESD15V23T-2LA
ESD24V23T-2LA
ESD36V23T-2LA
B03C
B05C
B08C
B12C
B15C
B24C
B36C
3.3
5.0
8.0
12.0
15.0
24.0
36.0
4.0
6.0
8.2
13.3
16.7
26.7
40.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
6.6
8.8
10.3
15.7
19.8
33.2
55.0
20
5
5
1
1
1
1
17
18
19
24
30
48
70
17.5
15
11.5
7
5.5
3
2
150
110
80
45
35
25
20
Part Number
Device
Marking
VRMW
(V)
(Max.)
VBR
(V)
(Min.)
IR
(uA)
(Max.)
C
(pF)
(Typ.)
IT
(mA)
VC
@1A
(Max.)
(Max.)
(@A)
VC
0
5
10
15
20
25
30
120
tr
100
80
60
40
20
0
Peak Value IPP
td=t IPP/2
TEST
WAVEFORM
PARAMETERS
tr=8 s
td=20 s
t - Time ( s)
60ns
10%
30ns
tr = 0.7~1ns
Time (ns)
90%
100%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com