Electronic Components Datasheet Search
  English  ▼

X  

AP384XG Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AP384XG
Description  GREEN MODE PWM CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP384XG Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AP384XG Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP384XG Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP384XG Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP384XG Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP384XG Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP384XG Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP384XG Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP384XG Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP384XG Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
GREEN MODE PWM CONTROLLER
AP384XG
Data Sheet
8
Aug. 2005 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Figure 7. Reference Voltage vs. Ambient Temperature
Figure 8. Start-up Current vs. Supply Voltage
Typical Performance Characteristics
Figure 5. Oscillator Dead Time vs. Timing Capacitor
Figure 6. Timing Resistor vs. Frequency
110
100
1
10
0.3
30
3
47
22
4.7
2.2
Timing Capacitor (nF)
100
1k
10k
100k
1M
10k
100k
5K
50K
Frequency (Hz)
-40
-20
0
20
40
60
80
100
120
4.980
4.985
4.990
4.995
5.000
5.005
5.010
5.015
V
CC
=15V, I
O
=1mA
Ambient Temperature (
oC)
0
2
4
6
8
10
12
14
16
18
0
10
20
30
40
50
60
Supply Voltage (V)
AP3842G/44G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com