Electronic Components Datasheet Search
  English  ▼

X  

AS324 Datasheet(PDF) 12 Page - BCD Semiconductor Manufacturing Limited

Part # AS324
Description  LOW POWER QUAD OPERATIONAL AMPLIFIERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS324 Datasheet(HTML) 12 Page - BCD Semiconductor Manufacturing Limited

Back Button AS324 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS324 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS324 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS324 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS324 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AS324 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AS324 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AS324 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AS324 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
LOW POWER QUAD OPERATIONAL AMPLIFIERS
AS324/324A
Data Sheet
12
Apr. 2007 Rev. 1.6
BCD Semiconductor Manufacturing Limited
Mechanical Dimension (Continued)
TSSOP-14
Unit: mm(inch)
SEE DETAIL A
DETAIL A
0°
8°
TOP&BOTTOM
1.000(0.039) REF
4.300(0.169)
4.500(0.177)
6.200(0.244)
6.600(0.260)
4.860(0.191)
5.060(0.199)
0.340(0.013)
0.540(0.021)
INDEX
0.050(0.002)
0.150(0.006)
0.900(0.035)
1.050(0.041)
0.650(0.026)
0.200(0.008)
0.280(0.011)
0.250(0.010)
0.450(0.018)
0.750(0.030)
# 1 PIN
0.950(0.037)
1.050(0.041)
DEP
0
0.100(0.004)
0.100(0.004)
0.190(0.007)
R0.090(0.004)
R0.090(0.004)
10°
14°
0.200(0.008)
1.200(0.047) MAX
φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com