Electronic Components Datasheet Search
  English  ▼

X  

AP2317 Datasheet(PDF) 13 Page - BCD Semiconductor Manufacturing Limited

Part # AP2317
Description  600mA LOW DROPOUT LINEAR REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2317 Datasheet(HTML) 13 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2317 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2317 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2317 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2317 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2317 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2317 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2317 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2317 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP2317 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
600mA LOW DROPOUT LINEAR REGULATOR
AP1117M
Data Sheet
600mA LOW DROPOUT LINEAR REGULATOR
AP2317
13
Mar. 2007 Rev. 1. 6
BCD Semiconductor Manufacturing Limited
Mechanical Dimensions (Continued)
TO-263-3
Unit: mm(inch)
7°
3°
7°
0.990(0.039)
0.510(0.020)
2.540(0.100)
1.150(0.045)
9.650(0.380)
3°
14.760(0.581)
8.840(0.348)
2.640(0.104)
0.020(0.001)
8°
2°
0°
6°
0.380(0.015)
0.360(0.014)
2.200(0.087)
70°
10.290(0.405)
4.070(0.160)
4.820(0.190)
1.390(0.055)
1.150(0.045)
1.390(0.055)
2.540(0.100)
1.270(0.050)
1.390(0.055)
15.740(0.620)
0.250(0.010)
2.700(0.106)
0.400(0.016)
7.420(0.292)
7.980(0.314)
2.540(0.100)
2.540(0.100)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com