Electronic Components Datasheet Search
  English  ▼

X  

AP2302L Datasheet(PDF) 11 Page - BCD Semiconductor Manufacturing Limited

Part # AP2302L
Description  2A DDR TERMINATION REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2302L Datasheet(HTML) 11 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2302L Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2302L Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2302L Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2302L Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2302L Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2302L Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2302L Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2302L Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2302L Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
2A DDR TERMINATION REGULATOR
AP2302L
Preliminary Datasheet
11
Jul. 2006 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Mechanical Dimensions (Continued)
TO-252-5L
Unit: mm(inch)
2.180(0.086)
2.400(0.094)
0.000(0.000)
0.250(0.010)
0.900(0.035)
1.250(0.049)
0.450(0.018)
0.700(0.028)
0.430(0.017)
0.600(0.023)
0.430(0.017)
0.600(0.023)
6.350(0.250)
6.700(0.264)
4.300(0.169)
5.500(0.217)
5.970(0.235)
6.220(0.245)
2.540(0.100)BSC
5.080(0.200)
BSC
9.500(0.374)
10.400(0.410)
2.550(0.100)
3.200(0.126)
1.400(0.055)
1.780(0.070)
4.800(0.189)
MIN
4.300(0.169)
5.400(0.213)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com