Electronic Components Datasheet Search
  English  ▼

X  

AP3602B Datasheet(PDF) 13 Page - BCD Semiconductor Manufacturing Limited

Part # AP3602B
Description  100mA REGULATED CHARGE PUMP
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3602B Datasheet(HTML) 13 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3602B Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3602B Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3602B Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP3602B Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP3602B Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP3602B Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP3602B Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AP3602B Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited AP3602B Datasheet HTML 17Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
100mA REGULATED CHARGE PUMP
AP3602A/B
13
Apr. 2007 Rev. 1.2
BCD Semiconductor Manufacturing Limited
Data Sheet
Typical Performance Characteristics (Continued)
Figure 25. Oscillator Frequency vs. Supply Voltage
Typical Performance Characteristics for AP3602A/B
(Unless otherwise noted, V
IN=3.0V, CIN=COUT=10µF, CFLY=1µF Ceramic Cap, TA=25
oC)
Figure 23. Supply Current vs. Supply Voltage
Figure 24. Supply Current vs. SHDN Voltage
Figure 26. Normalized Output Voltage vs. Temperature
2.53.0
3.54.0
4.55.0
1000
1100
1200
1300
1400
1500
1600
1700
1800
Supply Voltage (V)
T
A
=-50
oC
T
A
=25
oC
T
A
=100
oC
-50
-25
0
25
50
75
100
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0.50
0.75
1.00
Temperature (
oC)
V
IN
=3.0V, I
OUT
=25mA
01
23
45
0
4
8
12
16
20
SHDN Voltage (V)
V
IN
=2.7V
V
IN
=3.0V
2.53.0
3.54.0
4.55.0
10
12
14
16
18
20
Supply Voltage (V)
No Load, Not Switching



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com