Electronic Components Datasheet Search
  English  ▼

X  

AM5668 Datasheet(PDF) 13 Page - BCD Semiconductor Manufacturing Limited

Part # AM5668
Description  5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM5668 Datasheet(HTML) 13 Page - BCD Semiconductor Manufacturing Limited

Back Button AM5668 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AM5668 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM5668 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM5668 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AM5668 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AM5668 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AM5668 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AM5668 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AM5668 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5668
Data Sheet
13
Mar. 2007 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
Mechanical Dimensions
HSOP-28
Unit: mm(inch)
17.890(0.704)
0.204(0.008)
0
o
~ 8o
18.190(0.716)
0.360(0.014)
0.400(0.016)
1.270(0.050)
10.000(0.394)
10.650(0.419)
7.400(0.291)
7.600(0.300)
0.230(0.009)
0.470(0.019)
0.100(0.004)
0.300(0.012)
2.280(0.090)
2.630(0.104)
2.180(0.086)
2.330(0.092)
0.800(0.031)TYP
5.050(0.199)
5.250(0.207)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com