Electronic Components Datasheet Search
  English  ▼

X  

RI-0505S Datasheet(PDF) 1 Page - Recom International Power

Part # RI-0505S
Description  2 Watt SIP4 Single Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RI-0505S Datasheet(HTML) 1 Page - Recom International Power

  RI-0505S Datasheet HTML 1Page - Recom International Power RI-0505S Datasheet HTML 2Page - Recom International Power RI-0505S Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
70
www.recom-international.com
July-2006
Selection Guide
Part
Input
Output
Output
Efficiency
Number
Voltage
Voltage
Current
SIP4
(VDC)
(VDC)
(mA)
(%)
RI-xx3.3S
5, 9, 12, 15, 24
3.3
606
70-75
RI-xx05S
5, 9, 12, 15, 24
5
400
78-83
RI-xx07S
5, 9, 12, 15, 24
7
285
78-83
RI-xx09S
5, 9, 12, 15, 24
9
222
78-83
RI-xx12S
5, 9, 12, 15, 24
12
167
80-85
RI-xx15S
5, 9, 12, 15, 24
15
133
80-85
RI-xx24S
5, 9, 12, 15, 24
24
83
80-87
xx = Input Voltage
* add Suffix “P” for Continuous Short Circuit Protection, e.g. RI-0505S/P
100
60
20
40
100
50
0
-40
85
150
Operating Temperature °C
0
80
Safe Operating Area
Specifications (Core Operating Area)
Input Voltage Range
±10%
Output Voltage Accuracy
±5%
Line Voltage Regulation
1.2%/1% of Vin typ.
Load Voltage Regulation
3.3V output types
20% max.
(10% to 100% full load)
5V, output type
15% max.
9V, 12V, 15V, 24V output types
10% max.
Output Ripple and Noise (20MHz limited)
200mVp-p max.
Operating Frequency
35kHz min. / 50kHz typ. / 85kHz max.
Efficiency at Full Load
70% min. / 80% typ.
No Load Power Consumption
142mW min. / 185mW typ. / 252mW max.
Isolation Voltage
(tested for 1 second)
1000VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes
Isolation Capacitance
30pF min. / 85pF max.
Isolation Resistance
10 G
Ω min.
Short Circuit Protection
1 Second
P-Suffix
Continuous
Operating Temperature Range (free air convection)
-40°C to +85°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Relative Humidity
95% RH
Package Weight
1.4g
MTBF (+25°C)
using MIL-HDBK 217F
845 x 10
3 hours
(+85°C)
using MIL-HDBK 217F
160 x 10
3 hours
2 Watt
SIP4
Single Output
Derating-Graph
(Ambient Temperature)
ECONOLINE
DC/DC-Converter
RI
Series
,
● Custom Solutions Available
● 1kVDC Isolation
● No External Components Required
● Optional Continuous Short Circuit Protected
● UL94V-0 Package Material
● No Heatsink Required
● Efficiency to 87%
Features
Unregulated
Converters
}DetailedInformationsee
Application Notes chapter "MTBF"


Similar Part No. - RI-0505S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RI-0505 RECOM-RI-0505 Datasheet
125Kb / 2P
ECONOLINE - DC/DC - CONVERTER
RI-0505 RECOM-RI-0505 Datasheet
91Kb / 2P
2Watt SIP4 Single Output
More results

Similar Description - RI-0505S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RO-1.81.8S RECOM-RO-1.81.8S Datasheet
101Kb / 3P
1 Watt SIP4 & SIP7 Single Output
RO-1.81.8S RECOM-RO-1.81.8S_06 Datasheet
99Kb / 3P
1 Watt SIP4 & SIP7 Single Output
RM RECOM-RM_10 Datasheet
81Kb / 2P
0.25 Watt SIP4 Single Output
RO RECOM-RO_10 Datasheet
97Kb / 2P
1 Watt SIP4 Single Output
RI3-0505S RECOM-RI3-0505S Datasheet
330Kb / 5P
3 Watt SIP4 Single Output
RM-3.305S-E RECOM-RM-3.305S-E Datasheet
93Kb / 2P
0.25 Watt SIP4 Single Output
RO-3.305S-E RECOM-RO-3.305S-E Datasheet
90Kb / 2P
1 Watt SIP4 Single Output
ROE-3.305S RECOM-ROE-3.305S Datasheet
300Kb / 4P
1 Watt SIP4 Single Output
ROL-0505S RECOM-ROL-0505S Datasheet
87Kb / 2P
0.5 Watt SIP4 Single Output
RFM RECOM-RFM Datasheet
444Kb / 4P
1 Watt SIP4 Single Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com