Electronic Components Datasheet Search
  English  ▼

X  

CD3206BB Datasheet(PDF) 2 Page - NXP Semiconductors

Part # CD3206BB
Description  9-bit latched/registered/pass-thru Futurebus transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CD3206BB Datasheet(HTML) 2 Page - NXP Semiconductors

  CD3206BB Datasheet HTML 1Page - NXP Semiconductors CD3206BB Datasheet HTML 2Page - NXP Semiconductors CD3206BB Datasheet HTML 3Page - NXP Semiconductors CD3206BB Datasheet HTML 4Page - NXP Semiconductors CD3206BB Datasheet HTML 5Page - NXP Semiconductors CD3206BB Datasheet HTML 6Page - NXP Semiconductors CD3206BB Datasheet HTML 7Page - NXP Semiconductors CD3206BB Datasheet HTML 8Page - NXP Semiconductors CD3206BB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Philips Semiconductors
Product specification
FB2031
9-bit latched/registered/pass-thru Futurebus+ transceiver
2
1995 May 25
853-1714 15279
FEATURES
• Latched, registered or straight through in
either A to B or B to A path
• Drives heavily loaded backplanes with
equivalent load impedances down to 10
Ω.
• High drive 100mA BTL open collector
drivers on B-port
• Allows incident wave switching in heavily
loaded backplane buses
• Reduced BTL voltage swing produces less
noise and reduces power consumption
• Built-in precision band-gap reference
provides accurate receiver thresholds and
improved noise immunity
• Compatible with IEEE Futurebus+ or
proprietary BTL backplanes
• Each BTL driver has a dedicated Bus GND
for a signal return
• Controlled output ramp and multiple GND
pins minimize ground bounce
• Glitch-free power up/power down operation
• Low I
CC current
• Tight output skew
• Supports live insertion
QUICK REFERENCE DATA
SYMBOL
PARAMETER
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
An to Bn
2.7
ns
tPLH
tPHL
Propagation delay
Bn to An
4.4
4.2
ns
CO
Output capacitance (B0 – Bn only)
6
pF
IOL
Output current (B0 – Bn only)
100
mA
I
Sl
t
AIn to Bn
(outputs Low or High)
17
mA
ICC
Supply current
Bn to AOn (outputs Low)
50
mA
Bn to AOn (outputs High)
25
ORDERING INFORMATION
PACKAGE
COMMERCIAL RANGE
VCC = 5V±10%; Tamb = 0°C to +70°C
INDUSTRIAL RANGE
VCC = 5V±10%; Tamb = –40°C to +85°C
DRAWING
NUMBER
52-pin Plastic Quad Flat Pack (QFP)
FB2031BB
CD3206BB
SOT379-1
PIN CONFIGURATION
52 51 50 49 48 47 46
45 44 43 42 41 40
39
38
37
36
35
34
33
32
31
30
29
28
27
1
2
3
4
5
6
7
8
9
10
11
12
13
14 15
16 17 18 19
20 21
22 23 24 25 26
BUS GND
B1
BUS GND
B2
BUS GND
B3
BUS GND
B4
BUS GND
B5
BUS GND
B6
BUS GND
LOGIC GND
A2
A3
A4
LOGIC GND
A5
A6
A7
LOGIC GND
9-Bit latched/registered transceiver
FB2031
52-lead PQFP
LOGIC GND
LOGIC GND
LOGIC GND
LOGIC GND
SG00060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com