Electronic Components Datasheet Search
  English  ▼

X  

FB2041 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # FB2041
Description  7-bit Futurebus transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FB2041 Datasheet(HTML) 4 Page - NXP Semiconductors

  FB2041 Datasheet HTML 1Page - NXP Semiconductors FB2041 Datasheet HTML 2Page - NXP Semiconductors FB2041 Datasheet HTML 3Page - NXP Semiconductors FB2041 Datasheet HTML 4Page - NXP Semiconductors FB2041 Datasheet HTML 5Page - NXP Semiconductors FB2041 Datasheet HTML 6Page - NXP Semiconductors FB2041 Datasheet HTML 7Page - NXP Semiconductors FB2041 Datasheet HTML 8Page - NXP Semiconductors FB2041 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Philips Semiconductors
Product specification
FB2041
7-bit Futurebus+ transceiver
1995 May 25
4
PIN DESCRIPTION
SYMBOL
PIN NUMBER
TYPE
NAME AND FUNCTION
AI0 – AI6
51, 2, 3, 8, 9, 14, 18
Input
Data inputs (TTL)
AO0 – AO6
50, 52, 4, 6, 10, 12, 16
Output
3-state outputs (TTL)
B0 – B6
40, 38, 36, 34, 32, 30, 28
I/O
Data inputs/Open Collector outputs, High current drive (BTL)
OEB0
46
Input
Enables the Bn outputs when High
OEB1
45
Input
Enables the B0 output when Low
OEB2
25
Input
Enables the B1 – B3 outputs when Low
OEB3
26
Input
Enables the B4 – B6 outputs when Low
OEA1
47
Input
Enables the A0 outputs when High
OEA2
20
Input
Enables the A1 – A3 outputs when High
OEA3
24
Input
Enables the A4 – A6 outputs when High
BUS GND
41, 39, 37, 35, 33, 31, 29, 27
GND
Bus ground (0V)
LOGIC GND
1, 5, 7, 11, 13, 15, 19
GND
Logic ground (0V)
BUS VCC
23, 43
Power
Positive supply voltage
LOGIC VCC
17, 49
Power
Positive supply voltage
BIAS V
48
Power
Positive supply voltage
TMS
42
Input
Test Mode Select (no-connect)
TCK
44
Input
Test Clock (no-connect)
TDI
22
Input
Test Data In (shorted to TDO)
TDO
21
Output
Test Data Out (TDI)
ABSOLUTE MAXIMUM RATINGS
Operation beyond the limits set forth in this table may impair the useful life of the device. Unless otherwise noted these limits are over the
operating free-air temperature range.
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
-0.5 to +7.0
V
VIN
Input voltage
AI0 – AI6, OEB0, OEBn, OEAn
-1.2 to +7.0
V
VIN
In ut voltage
B0 – B6
-1.2 to +5.5
IIN
Input current
-18 to +5.0
mA
VOUT
Voltage applied to output in High output state
-0.5 to +VCC
V
IOUT
Current applied to output in
AO0 – AO6
48
mA
IOUT
Low output state
B0 – B6
200
TSTG
Storage temperature
-65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
COMMERCIAL LIMITS
VCC = 5V±10%;
Tamb = 0 to +70°C
INDUSTRIAL LIMITS
VCC = 5V±10%;
Tamb = -40 to +85°C
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
VCC
Supply voltage
4.5
5.0
5.5
4.5
5.0
5.5
V
VIH
High-level input voltage
Except B0–B6
2.0
2.0
V
VIH
High-level in ut voltage
B0 – B6
1.62
1.55
1.62
1.55
VIL
Low-level input voltage
Except B0–B6
0.8
0.8
V
VIL
Low-level in ut voltage
B0 – B6
1.47
1.47
IIK
Input clamp current
-18
-18
mA
IOH
High-level output current
AO0 – AO6
-3
-3
mA
IOL
Low-level output current
AO0 – AO6
24
24
mA
IOL
Low-level out ut current
B0 – B6
100
100
COB
Output capacitance on B port
6
7
6
7
pF
Tamb
Operating free-air temperature range
0
+70
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com