Electronic Components Datasheet Search
  English  ▼

X  

CD3207BB Datasheet(PDF) 9 Page - NXP Semiconductors

Part # CD3207BB
Description  7-bit Futurebus transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CD3207BB Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button CD3207BB Datasheet HTML 5Page - NXP Semiconductors CD3207BB Datasheet HTML 6Page - NXP Semiconductors CD3207BB Datasheet HTML 7Page - NXP Semiconductors CD3207BB Datasheet HTML 8Page - NXP Semiconductors CD3207BB Datasheet HTML 9Page - NXP Semiconductors CD3207BB Datasheet HTML 10Page - NXP Semiconductors CD3207BB Datasheet HTML 11Page - NXP Semiconductors CD3207BB Datasheet HTML 12Page - NXP Semiconductors CD3207BB Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Philips Semiconductors
Product specification
FB2041
7-bit Futurebus+ transceiver
1995 May 25
9
AC ELECTRICAL CHARACTERISTICS (Industrial)
A PORT LIMITS
SYMBOL
PARAMETER
TEST
CONDITION
Tamb = +25°C, VCC = 5V,
CL = 50pF, RL = 500Ω
Tamb = -40 to +85°C,
VCC = 5V±10%,
CL = 50pF, RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
tPLH
tPHL
Propagation delay,
Bn to AOn
Waveform 1, 2
1.8
1.6
3.4
3.2
5.0
4.9
1.6
1.6
5.5
5.5
ns
tPZH
tPZL
Output enable time,
OEA to AOn
Waveform 4, 5
2.2
2.0
5.0
4.0
6.5
6.5
1.5
1.5
8.0
8.0
ns
tPHZ
tPLZ
Output disable time,
OEA to AOn
Waveform 4, 5
1.5
1.5
3.3
3.0
4.8
5.0
0.8
1.2
6.0
6.0
ns
tTLH
tTHL
Transition time, AOn Port
(10% to 90% or 90% to 10%)
Test Circuit and
Waveforms
1.5
1.5
2.2
2.4
3.0
3.0
1.5
1.5
3.5
3.5
ns
tSK(o)
Output skew between receivers
in same package1
Waveform 3
0.4
1.0
1.0
ns
B PORT LIMITS
SYMBOL
PARAMETER
TEST CONDITION
Tamb = +25°C, VCC = 5V,
CD = 30pF, RU = 9Ω
Tamb = -40 to +85°C,
VCC = 5V±10%,
CD = 30pF, RU = 9Ω
UNIT
tPLH
tPHL
Propagation delay,
AIn to Bn
Waveform 1, 2
2.4
1.5
3.7
2.7
4.9
4.4
1.9
1.5
5.9
5.0
ns
tPLH
tPHL
Enable/disable time,
OEB0 to Bn
Waveform 2
2.4
1.9
3.7
3.5
4.9
4.9
1.9
1.8
6.4
5.9
ns
tPLH
tPHL
Enable/disable time,
OEB1 to Bn
Waveform 1
2.4
1.9
4.0
3.6
5.5
5.5
1.9
1.5
6.8
6.8
ns
tTLH
tTHL
Transition time, Bn Port
(1.3V to 1.8V)
Test Circuit and
Waveforms
1.0
0.5
1.4
1.1
3.0
3.0
1.0
0.5
3.0
3.0
ns
tSK(o)
Output skew between drivers in
same package1
Waveform 3
0.3
1.0
1.0
ns
SYMBOL
PARAMETER
TEST CONDITION
RU = 16.5Ω
RU = 16.5Ω
UNIT
tPLH
tPHL
Propagation delay,
AIn to Bn
Waveform 1, 2
2.5
1.6
3.8
2.8
5.0
4.5
2.0
1.6
6.0
5.1
ns
tPLH
tPHL
Enable/disable time,
OEB0 to Bn
Waveform 2
2.5
2.0
3.8
3.6
5.0
5.0
2.0
1.9
6.5
6.0
ns
tPLH
tPHL
Enable/disable time,
OEB1 to Bn
Waveform 1
2.5
2.0
4.1
3.7
5.5
5.5
2.0
1.6
6.9
6.9
ns
tTLH
tTHL
Transition time, Bn Port
(1.3V to 1.8V)
Test Circuit and
Waveforms
1.0
0.5
1.5
1.1
3.0
3.0
1.0
0.5
3.0
3.0
ns
tSK(o)
Output skew between drivers in
same package1
Waveform 3
0.3
1.0
1.0
ns
NOTES:
1.
 tPNactual – tPMactual for any data input to output path compared to any other data input to output path where N and M are either LH or
HL. Skew times are valid only under same test conditions (temperature, VCC, loading, etc.).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com