Electronic Components Datasheet Search
  English  ▼

X  

GSX-2 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # GSX-2
Description  SM CRYSTAL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GSX-2 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  GSX-2 Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SM Crystal
GSX-2
Tel:
+44 1460 256 100
Fax:
+44 1460 256 101
E-mail:
sales@golledge.com
Web:
www.golledge.com
22 Jul 2002
ACTUAL SIZE
1.00
0.60Ø
4.50
2.50
1
2
43
7.50
(max)
5.00
(max)
1.10
(max)
SOLDER PAD LAYOUT
1.40
1.40
2.20 4.10 2.20
1.14
4
2
1
3
TOP VIEW
PAD
1
2
3
4
CONNECTION
Crystal
Ground & lid
Crystal
Ground & lid
Features
« Frequencies up to 100MHz
« Tight specifications available
« Metal lid can be grounded to minimise EMI
« Low height for maximum space saving
Standard Frequencies
Product name + option codes + frequency
eg:
GSX-2/551DF 32.0MHz 50/50/10/16-F (standard)
GSX-2/121S3 72.0MHz 10/20/10/SR-3
Option code X (eg GSX-2/X) denotes a custom specification.
Ordering Information
Fundamental in MHz
3rd Overtone
GSX-2
Option
Codes
Product
Parameters
Standard.
Optional - Please specify required code(s) when ordering
Scale 2:1
10.000000
11.059200
12.000000
14.318180
14.745600
15.000000
16.000000
16.000312
16.588800
18.432000
19.660800
20.000000
24.000000
24.000140
24.576000
25.000000
29.491200
30.000000
32.000000
33.868800
35.251200
36.000000
32.000000
33.868800
35.251200
36.000000
40.000000
40.320000
50.000000
64.000000
66.666000
Specifications
Available on T&R - 3k pcs per reel.
Refer to our website for T&R and soldering details.
GSX-1B or GSX-751 are more cost effective with same footprint if
height and specifications allow.
Frequency range: 8.0 ~ 100.0MHz
Calibration tolerance:
±10ppm
1
±15ppm
P
±20ppm
2
±50ppm
5
Other values (±5ppm ~ ±100ppm)
specify
Temperature stability:
±10ppm
1
±20ppm
2
±50ppm
5
Other values (±5ppm ~ ±100ppm)
specify
Operating temperature range:
-10 to +60°C
1
-20 to +70°C
2
Other values
specify
Circuit condition:
16pF
D
18pF
E
20pF
F
30pF
J
Series resonant
S
Other values
specify
Oscillation mode:
Fundamental (8.0 ~ 36.0MHz)
F
3rd overtone (28.0 ~ 84.0MHz)
3
5th overtone (84.0 ~ 160MHz)
5
Static capacitance (C0): 7pF max
Equivalent series resistance (max):
60
(8.0~ 9.9MHz)
50
(10.0 ~ 15.9MHz)
40
(16.0 ~ 32.0MHz, fund)
60
(28.0 ~ 84.0MHz, 3rd OT)
80
(84.1 ~ 100MHz, 5th OT)
Ageing:
±5ppm max first year
Test drive level:
100µW
Soldering condition:
260°C, 10 sec x2 max


Similar Part No. - GSX-2

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GSX-2 GOLLEDGE-GSX-2 Datasheet
561Kb / 4P
High Frequency Miniature SM Crystal
GSX-200 GOLLEDGE-GSX-200 Datasheet
56Kb / 1P
SM Watch Crystal
GSX-200 GOLLEDGE-GSX-200 Datasheet
578Kb / 4P
32.768kHz CM200C Watch Crystal
GSX-200D GOLLEDGE-GSX-200D Datasheet
56Kb / 1P
SM Watch Crystal
GSX-200 GOLLEDGE-GSX-200_16 Datasheet
173Kb / 2P
CM200C Watch Crystal
More results

Similar Description - GSX-2

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GSX1 GOLLEDGE-GSX1 Datasheet
60Kb / 1P
SM Crystal
GSX-8 GOLLEDGE-GSX-8 Datasheet
53Kb / 1P
SM CRYSTAL
GSX-309 GOLLEDGE-GSX-309 Datasheet
58Kb / 1P
SM Crystal
GSX-221 GOLLEDGE-GSX-221 Datasheet
49Kb / 1P
SM Crystal
CC1A GOLLEDGE-CC1A_16 Datasheet
131Kb / 1P
SM Crystal
CC1A-T1AH GOLLEDGE-CC1A-T1AH Datasheet
122Kb / 1P
SM Crystal
CC2A GOLLEDGE-CC2A Datasheet
122Kb / 1P
SM Crystal
CC2A-T1AH GOLLEDGE-CC2A-T1AH Datasheet
121Kb / 1P
SM Crystal
GSX-211 GOLLEDGE-GSX-211 Datasheet
167Kb / 2P
SM Crystal
CC1A-T1AH GOLLEDGE-CC1A-T1AH_18 Datasheet
556Kb / 5P
SM Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com