Electronic Components Datasheet Search
  English  ▼

X  

CD5954 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # CD5954
Description  Four-channel current feedback excitation drive circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CD5954 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  CD5954 Datasheet HTML 1Page - List of Unclassifed Manufacturers CD5954 Datasheet HTML 2Page - List of Unclassifed Manufacturers CD5954 Datasheet HTML 3Page - List of Unclassifed Manufacturers CD5954 Datasheet HTML 4Page - List of Unclassifed Manufacturers CD5954 Datasheet HTML 5Page - List of Unclassifed Manufacturers CD5954 Datasheet HTML 6Page - List of Unclassifed Manufacturers CD5954 Datasheet HTML 7Page - List of Unclassifed Manufacturers CD5954 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
华晶双极电路
CD5954CB
5. 特性曲线
无锡华润华晶微电子有限公司
第 6 页 共 8 页
0
25
50
75
100 125 150
175
0
0.5
1.0
1.5
2.0
Pd ─ Ta
环境温度
Ta
(
)
实装在70mm
70mm,
厚1.6mm的玻璃环氧PCB上,
铜箔占有率
3%
-0.8 -0.6 -0.4 -0.2
0
0.2 0.4 0.6 0.8
-5
-4
-3
-2
-1
0
1
2
3
4
5
Vcc=12V
PVcc1=PVcc2=5V
BIAS=2.5V
R =20
+100
H
8
+100
H
4
+100
H
12
+100
H
L
输入电压
V
(V)
IN
激励驱动器
Vo ─ V IN
-2
-1
0
12
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
Vcc=12V
PVcc1=PVcc2=5V
BIAS=2.5V
R =20
L
8
12
输入电压
V
(V)
IN
进给马达驱动器
Vo ─ V IN
-2
-1
0
1
2
-5
-4
-3
-2
-1
0
1
2
3
4
5
R =20
L
8
4
12
Vcc=12V
PVcc1=PVcc2=5V
BIAS=2.5V
输入电压
V
(V)
IN
主轴马达驱动器
Vo ─ V IN
V
-
-
+
OPIN
OPOUT
12
34
5
0
0
1
2
3
4
5
Vcc=5V
运放输入电压
V
(V)
OPIN
V
V
进给驱动器前级运放 V
─ V
OPOUT
OPIN
-20
0
20
40
60
10k
100k
1M
10M
g
10k
20k
100
+
-
Vin
-180
-90
0
90
180
频率
f
(Hz)
进给驱动器前级运放频率特性
Vcc=12V,
PVcc1=
PVcc2=5V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com