Electronic Components Datasheet Search
  English  ▼

X  

905 Datasheet(PDF) 1 Page - 3M Electronics

Part # 905
Description  Self-Stripping Electrical Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

905 Datasheet(HTML) 1 Page - 3M Electronics

  905 Datasheet HTML 1Page - 3M Electronics 905 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Application
Use Part No. 905 to electrically connect two wires in a
tap, inline, pigtail, or double run installation and insulate
the connection. The 905 contains a deformable wire
stop, inner channel.
Wire Range
18-14 AWG (.75-1.5 mm2) (outside channel)
22-18 AWG (.5-.75 mm2) (inside channel) solid or
stranded copper conductors. For use with common
thermoplastic insulated wires such as: T, TF, TFF, TFN,
TFFN, AWM, TEW, SAE-GPT with a maximum
insulation diameter (outside of .145 inches (3.5 mm),
(inside) .110 inches (2.8 mm). Maximum
recommended current for general purpose applications:
22 AWG - 3 AMPS, 20 AWG - 4 AMPS,
18 AWG - 7 AMPS, 16 AWG - 10 AMPS,
14 AWG - 15 AMPS.
Construction
U-contact - Tin plated brass, .03 in. (.8 mm) thick
Insulator - Polypropylene
Color - red
Weight
.0032 lb. (1.45 gm)
Recommended Installation Tools
Mechanics (slip joint) Pliers
9” Lineman's Pliers
3M™ Crimping Tool No. E-9BM
Installation Instructions
1. Place unstripped run wire inside appropriate
channels.
2. On tap, inline, and pigtail applications ends of
wires should always be placed midway between
connector element and end of connector for
proper installation.
3. Hold tool perpendicular to the wires and make the
connection by driving the u-contact down flush
with the top of the plastic insulator body.
4. Close hinged top cover until latched.
Scotchlok™ 905
Self-Stripping Electrical Connectors
Data Sheet
WARNING
Turn power off before installing or removing terminal. All electrical
work should be done according to appropriate electrical codes.


Similar Part No. - 905

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
905 ETC2-905 Datasheet
202Kb / 1P
NYLON TUBE SPACERS
905 ETC2-905 Datasheet
202Kb / 1P
NYLON TUBE SPACERS
logo
Alpha Wire
905 ALPHAWIRE-905 Datasheet
167Kb / 3P
M12?륚 Die Cast Passive I/O Box
logo
Morse Mfg. Co., Inc.
905 MORSE-905 Datasheet
1Mb / 7P
Model # 900 & 905 Drum Pourers
9 Jun, 2023
logo
Keystone Electronics Co...
905 KEYSTONE-905 Datasheet
558Kb / 1P
TERMINAL LUGS
31-07 20th
More results

Similar Description - 905

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
60W110-C03 ROSENBERGER-60W110-C03 Datasheet
48Kb / 1P
STRIPPING TOOL
60W107-C05 ROSENBERGER-60W107-C05 Datasheet
431Kb / 1P
STRIPPING TOOL
60W110-C06 ROSENBERGER-60W110-C06 Datasheet
29Kb / 1P
STRIPPING TOOL
logo
PHOENIX CONTACT
1204481 PHOENIX-1204481 Datasheet
50Kb / 2P
Stripping tool - CYCLOPS
logo
3M Electronics
314 3M-314 Datasheet
62Kb / 2P
Self-Stripping Moisture Resistant
558 3M-558 Datasheet
67Kb / 2P
Self-Stripping Electrical Tap Connector 558
Nov-2010
804 3M-804 Datasheet
533Kb / 2P
Scotchlok??Moisture Resistant Self-Stripping Electrical Tap Connector 804
316IR 3M-316IR Datasheet
75Kb / 2P
3M??Scotchlok??Moisture Resistant Self-Stripping Electrical Spring Connector 316IR
logo
Pepperl+Fuchs Inc.
VAZ-FK-R-STRIPPER PF-VAZ-FK-R-STRIPPER Datasheet
102Kb / 1P
Stripping pliers
2009-03-11
logo
Molex Electronics Ltd.
63817-1800 MOLEX-63817-1800 Datasheet
1Mb / 19P
Pneumatic Stripping Machine
7-26-19
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com