Electronic Components Datasheet Search
  English  ▼

X  

953 Datasheet(PDF) 1 Page - Keystone Electronics Corp.

Part # 953
Description  CONN PLUG USB3.0 MICRO USB B SLD
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSTONE [Keystone Electronics Corp.]
Direct Link  https://www.keyelco.com/index.cfm
Logo KEYSTONE - Keystone Electronics Corp.

953 Datasheet(HTML) 1 Page - Keystone Electronics Corp.

  953 Datasheet HTML 1Page - Keystone Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
100
USB 3.0 & 3.1 PLUGS & SOCKETS
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
USB 3.1 DESIGN ADVANTAGES:
Compatibility: Backwards compatible with 2.0 & 3.0
(adaptor required)
Data Rates: Up to 10 Gbps; twice as fast as 3.0. Same
connector on both sides of cable. No A & B style.
THRU-HOLE MOUNT SOCKET
SURFACE MOUNT SOCKET
CABLE PLUG
CAT. NO. 945
CAT. NO. 950
CAT. NO. 952
USB 3.0 TYPE B SOCKETS/PLUGS
MICRO-USB 3.0 TYPE B SOCKETS/PLUGS
CAT. NO. 955
CAT. NO. 957
USB 3.0 TYPE A SOCKETS/PLUGS
THRU-HOLE MOUNT SOCKET
.287 [7.3]
.577 [14.6]
.606 [15.4]
.466
[11.8]
.678 [17.2]
.118 [3.0]
.276 [7.0]
.150 [3.8]
CABLE PLUG
CAT. NO. 947
ELECTRICAL CHARACTERISTICS:
Rated Voltage: 30V (RMS)
Contact Current Rating: 1 Amp DC max.
Contact Resistance: 15 m
W max.
Insulation Resistance: 1000 M
W min.
Dielectric Withstanding Voltage: 750V AC for 1 minute
MECHANICAL CHARACTERISTICS:
Operating Temperature: -13°F (-25°C) to +176°F(+80°C)
Durability: 1500 Cycles min.
USB 3.0 DESIGN ADVANTAGES:
Port Expansion: Alleviates restriction of limited
COM Ports and available IRQ’s
Compatibility: Backward compatible with
USB 2.0 devices
Fast Data Transfer: Up to 4.8 Gbps;
10 times faster than USB 2.0 devices
and 200 times faster than serial ports.
SOCKET SPECIFICATIONS:
Shell: Steel, Nickel Plated
Insulator: Thermoplastic, UL Rated 94V-0
Contacts: Phosphor Bronze, Gold Flash over Nickel
PLUG SPECIFICATIONS:
Shell: Steel, Nickel Plated
Insulator: Thermoplastic, UL Rated 94V-0
Contacts: Phosphor Bronze, Gold Flash over Nickel
SOCKET SPECIFICATIONS:
Shell: Steel, Nickel Plated
Insulator: Thermoplastic, UL Rated 94V-0
Contacts: Phosphor Bronze, Gold Flash over Nickel
PLUG SPECIFICATIONS:
Shell: Steel, Nickel Plated
Insulator: Thermoplastic, UL Rated 94V-0
Contacts: Phosphor Bronze, Gold Flash over Nickel
SOCKET SPECIFICATIONS:
Shell: Phosphor Bronze, Nickel Plated
Insulator: Thermoplastic, UL Rated 94V-0
Contacts: Phosphor Bronze, Gold Flash over Nickel
Contact Area: Gold Flash over Nickel
Solder Tails: Tin over Nickel
PLUG SPECIFICATIONS:
Shell: Steel, Nickel Plated
Insulator: Thermoplastic, UL Rated 94V-0
Contacts: Phosphor Bronze, Gold Flash over Nickel
CAT. NO. 953
CAT. NO. 954
SOCKET SPECIFICATIONS:
Shell: Steel, Nickel Plated
Insulator: Thermoplastic, UL Rated 94V-0
Contacts: Copper, Gold Plate (Flash)
Solder Tails: Copper Alloy, Tin Plate
PLUG SPECIFICATIONS:
Shell: Steel, Nickel Plated
Insulator: Thermoplastic, UL Rated 94V-0
Contacts: Phosphor Bronze, Gold Plate (Flash)
Mounting Detail
.276
[7.0]
.078 [2.00]
.059 [1.5]
.079 [2.0] TYP.
.517 [13.1]
.090 [2.3] DIA.
(2) PLS
028 [0.7]DIA.
(9) PLS
1.433 [36.5]
REF.
.472
[12.00]
.177 [4.50]
.537
[13.6]
.098
[2.5]
.116 [3.0]
.506 [12.8]
.220 [5.6]
Mounting Detail
.057 [1.4]
.053 [1.3]
.596 [15.1]
.264
[6.7]
.193
[4.9]
.132 [3.4]
.026 [0.6] PITCH
.016 [0.40]
(10) PLS
.075 [1.9] SQR
TYP.
PCB EDGED
.176 [4.5]
.532 [13.5]
1.142 [29.0]
REF.
.406
[10.3]
.553 [14.0]
.472 [12.0]
.115
[2.9]
.508 [12.9]
.724 [18.4]
Mounting Detail
.091 [2.3]
DIA. (2) PLS.
.036 [0.9]
DIA. (4) PLS.
.028 [0.7] DIA.
(5) PLS.
.079 [2.0]
.157 [4.0]
.105 [2.7]
.474 [12.0]
.098 [2.5]
.197
[5.0]
.335 [8.5]
.315
[8.0]
.411
[10.4]
1.150 [29.0]
REF.
CABLE PLUG
• Supplied unassembled
• Supplied unassembled
• Supplied unassembled
USB 3.1 TYPE C SOCKET/PLUG
.463 [11.8]
.148 [3.8]
.086 [2.18]
.043 [1.10]
.384 [9.8]
.122
[3.1]
.221 [5.6]
Mounting Detail
BOARD EDGE
.055 [1.40]
.039 [1.00]
.262
[6.6]
.463 [11.75]
.020 [0.50] TYP.
.372
[9.45]
.340 [8.6]
.205
[5.2]
1.134
[28.8]
REF.
.325
[8.3]
.095
[2.4]


Similar Part No. - 953

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
953 WECO-953 Datasheet
106Kb / 1P
PCB connector Screw connection, wire entrance vertical to PCB
11.17
logo
Adafruit Industries
953 ADAFRUIT-953 Datasheet
116Kb / 2P
EL Flowing Effect Wire with Inverter - Pink 2.0 meter (6.5 ft)
7/27/2015
logo
EAO AG.
953+2000-00 EAO-953+2000-00 Datasheet
3Mb / 86P
Switches and Indicators
01.2002
953+2000-0P EAO-953+2000-0P Datasheet
3Mb / 86P
Switches and Indicators
01.2002
953+2000-W0 EAO-953+2000-W0 Datasheet
3Mb / 86P
Switches and Indicators
01.2002
More results

Similar Description - 953

ManufacturerPart #DatasheetDescription
logo
FCI connector
10104109 FCI-CONNECTOR-10104109 Datasheet
174Kb / 1P
MICRO-USB B-TYPE PLUG
logo
Tyco Electronics
1939054 MACOM-1939054 Datasheet
212Kb / 3P
MICRO USB I/O PLUG TYPE B KIT
logo
Molex Electronics Ltd.
67265-2001 MOLEX-67265-2001 Datasheet
225Kb / 2P
USB B VERTICAL CONN
logo
Adam Technologies, Inc.
MCR-B-S-RA-SMT-CS1-TR ADAM-TECH-MCR-B-S-RA-SMT-CS1-TR Datasheet
92Kb / 1P
MICRO USB TYPE B
MCR-B-S-RA-SMT-TR ADAM-TECH-MCR-B-S-RA-SMT-TR Datasheet
100Kb / 1P
MICRO USB TYPE B
MCR-B-S-RA-TSMT-NP-TR ADAM-TECH-MCR-B-S-RA-TSMT-NP-TR Datasheet
95Kb / 1P
MICRO USB TYPE B
MCR-B-S-RA-TSMT-P-TR ADAM-TECH-MCR-B-S-RA-TSMT-P-TR Datasheet
124Kb / 1P
MICRO USB TYPE B
MCR-B-S-RA-TSMT-TR ADAM-TECH-MCR-B-S-RA-TSMT-TR Datasheet
95Kb / 1P
MICRO USB TYPE B
logo
Coolgear Inc.
2112-1126 COOLGEAR-2112-1126 Datasheet
778Kb / 1P
Micro USB3.0 CABLE
Rev B
51220167 COOLGEAR-51220167 Datasheet
677Kb / 1P
MICRO USB3.0 CABLE
Rev A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com